Electronic Components Datasheet Search
  English  ▼

X  

10VS Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 10VS
Description  High-density Signal Conditioners 10-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

10VS Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  10VS Datasheet HTML 1Page - M-System Co.,Ltd. 10VS Datasheet HTML 2Page - M-System Co.,Ltd. 10VS Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: 10VS
http://www.m-system.co.jp/
10VS SPECIFICATIONS
ES-0818 Rev.7 Page 1/3
High-density Signal Conditioners 10-RACK
SIGNAL TRANSMITTER
Functions & Features
• Converting a DC input into two standard process signals
• Optional second channel output available at the front
terminals and at the Standard Rack connector
Typical Applications
• Isolation between control room and field instrumentation
MODEL: 10VS–[1][2][3]–R[4]
ORDERING INFORMATION
• Code number: 10VS-[1][2][3]-R[4]
Specify a code from below for each [1] through [4].
(e.g. 10VS-6A6-R/Q)
• Special input range (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01)
[1] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
D: 0 – 20 mA DC (Input resistance 50 Ω)
G: 0 – 1 mA DC (Input resistance 1000 Ω)
H: 10 – 50 mA DC (Input resistance 100 Ω)
Z: Specify current (See INPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Input resistance 10 kΩ min.)
2: 0 – 100 mV DC (Input resistance 100 kΩ min.)
3: 0 – 1 V DC (Input resistance 1 MΩ min.)
4: 0 – 10 V DC (Input resistance 1 MΩ min.)
5: 0 – 5 V DC (Input resistance 1 MΩ min.)
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
0: Specify voltage (See INPUT SPECIFICATIONS)
[2] OUTPUT 1
Current
A: 4 – 20 mA DC (Load resistance 600 Ω max.)
B: 2 – 10 mA DC (Load resistance 1200 Ω max.)
C: 1 – 5 mA DC (Load resistance 2400 Ω max.)
D: 0 – 20 mA DC (Load resistance 600 Ω max.)
E: 0 – 16 mA DC (Load resistance 750 Ω max.)
F: 0 – 10 mA DC (Load resistance 1200 Ω max.)
G: 0 – 1 mA DC (Load resistance 12 kΩ max.)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 100 Ω min.)
4: 0 – 10 V DC (Load resistance 1000 Ω min.)
5: 0 – 5 V DC (Load resistance 500 Ω min.)
6: 1 – 5 V DC (Load resistance 500 Ω min.)
[3] OUTPUT 2
0: None
Voltage
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Construction: Rack-mounted; terminal access via screw
terminals at the front and via card-edge connector at the
rear; terminal cover provided
Connection
Input: M3.5 screw terminals (torque 0.8 N·m)
Output: Card-edge connector and M3.5 screw terminals
(torque 0.8 N·m)
Power input: Supplied from card-edge connector
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output 1 to output 2 to power
Overrange output: Approx. -10 to +120 % at 1 – 5 V


Similar Part No. - 10VS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
10VS1 MACOM-10VS1 Datasheet
213Kb / 3P
Multipurpose Power Line RFI Filter for Emission Control
logo
TE Connectivity Ltd
10VS1 TEC-10VS1 Datasheet
213Kb / 3P
Multipurpose Power Line RFI Filter for Emission Control
logo
M-System Co.,Ltd.
10VS4 MSYSTEM-10VS4 Datasheet
95Kb / 3P
High-density Signal Conditioners 10-RACK
10VS4-016-R MSYSTEM-10VS4-016-R Datasheet
95Kb / 3P
High-density Signal Conditioners 10-RACK
10VS4-026-R MSYSTEM-10VS4-026-R Datasheet
95Kb / 3P
High-density Signal Conditioners 10-RACK
More results

Similar Description - 10VS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
10JT MSYSTEM-10JT Datasheet
101Kb / 3P
High-density Signal Conditioners 10-RACK
10JFT MSYSTEM-10JFT Datasheet
177Kb / 5P
High-density Signal Conditioners 10-RACK
10EHZ MSYSTEM-10EHZ Datasheet
97Kb / 3P
High-density Signal Conditioners 10-RACK
10EC MSYSTEM-10EC Datasheet
67Kb / 1P
High-density Signal Conditioners 10-RACK
10DNY MSYSTEM-10DNY Datasheet
97Kb / 3P
High-density Signal Conditioners 10-RACK
10CA MSYSTEM-10CA Datasheet
93Kb / 3P
High-density Signal Conditioners 10-RACK
10BOS MSYSTEM-10BOS Datasheet
99Kb / 3P
High-density Signal Conditioners 10-RACK
10AP MSYSTEM-10AP Datasheet
116Kb / 3P
High-density Signal Conditioners 10-RACK
10ABS MSYSTEM-10ABS Datasheet
86Kb / 2P
High-density Signal Conditioners 10-RACK
10YS MSYSTEM-10YS Datasheet
91Kb / 3P
High-density Signal Conditioners 10-RACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com