Electronic Components Datasheet Search
  English  ▼

X  

151CMQ040 Datasheet(PDF) 3 Page - International Rectifier

Part # 151CMQ040
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

151CMQ040 Datasheet(HTML) 3 Page - International Rectifier

  151CMQ040 Datasheet HTML 1Page - International Rectifier 151CMQ040 Datasheet HTML 2Page - International Rectifier 151CMQ040 Datasheet HTML 3Page - International Rectifier 151CMQ040 Datasheet HTML 4Page - International Rectifier 151CMQ040 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
151CMQ... Series
3
Bulletin PD-2.251 rev. B 05/02
www.irf.com
Fig. 2 - Typical Values Of Reverse Current
Vs. Reverse Voltage (Per Leg)
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage (Per Leg)
Fig. 4 - Max. Thermal Impedance Z
thJC Characteristics (Per Leg)
.001
.01
.1
1
10
100
1000
0
5
10 15 20 25 30 35 40 45
R
T =175°C
150°C
125°C
100°C
75°C
50°C
25°C
J
ReverseVoltage-V (V)
100
1000
10000
0
102030
4050
T =25°C
J
ReverseVoltage-V (V)
R
.001
.01
.1
1
10
.00001
.0001
.001
.01
.1
1
10
100
D=0.33
D=0.50
D=0.25
D=0.17
D=0.08
1
t , RectangularPulseDuration(Seconds)
SinglePulse
(Thermal Resistance)
2
t
1
t
P
DM
Notes:
1.DutyfactorD= t /t
2.PeakT =P xZ
+T
1
JDM thJC C
2
1
10
100
1000
0
.2.4
.6.8
1
1.2
1.4
1.6
FM
T =175°C
T =125°C
T = 25°C
ForwardVoltageDrop-V
(V)
J
J
J
Fig. 1 - Max. Forward Voltage Drop Characteristics
(Per Leg)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com