Electronic Components Datasheet Search
  English  ▼

X  

575670 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 575670
Description  Pneumatic valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

575670 Datasheet(HTML) 1 Page - Festo Corporation.

  575670 Datasheet HTML 1Page - Festo Corporation. 575670 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pneumatic valve
VUWS-L20-M32C-E-G18
Part number: 575670
Data sheet
Feature
Value
Valve function
3/2, closed, monostable
Material of screws
Steel, galvanized
Lap
Overlap
Actuation type
Pneumatic
Valve size
21 mm
Standard nominal flow rate
700 l/min
Pneumatic working port
G1/8
Operating pressure
-0.9 bar ... 10 bar
Design
Piston gate valve
Reset method
Pneumatic spring
Certification
c UL us - Recognized (OL)
Nominal width
5.7 mm
Type code
VUWS
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Manual override
None
Type of control
Direct
Pilot air supply port
External
Flow direction
Reversible
Symbol
00995401
Pilot pressure
2.5 bar ... 10 bar
Switching time off
15 ms
On switching time
7 ms
Explosion prevention and protection
Observe the information on the certificate
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Vibration resistance
Transport application test with severity level 2 as per FN 942017-4 and
EN 60068-2-6
Shock resistance
Shock test with severity level 2 as per FN 942017-5 and EN 60068-2-27
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Temperature of medium
-10 °C ... 60 °C
Pilot medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
3/30/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 575670

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
575671 FESTO-575671 Datasheet
103Kb / 2P
Pneumatic valve
575672 FESTO-575672 Datasheet
101Kb / 2P
Pneumatic valve
575673 FESTO-575673 Datasheet
91Kb / 2P
Pneumatic valve
575674 FESTO-575674 Datasheet
102Kb / 2P
Pneumatic valve
575675 FESTO-575675 Datasheet
102Kb / 2P
Air solenoid valve
More results

Similar Description - 575670

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUWG-L10-B52-M5 FESTO-VUWG-L10-B52-M5 Datasheet
90Kb / 2P
Pneumatic valve
VUWG-L10-M52-R-M5 FESTO-VUWG-L10-M52-R-M5 Datasheet
87Kb / 2P
Pneumatic valve
VUWG-L10A-B52-M3 FESTO-VUWG-L10A-B52-M3 Datasheet
88Kb / 2P
Pneumatic valve
VUWG-L10A-M52-M-M3 FESTO-VUWG-L10A-M52-M-M3 Datasheet
89Kb / 2P
Pneumatic valve
VUWG-L10A-P53E-M3 FESTO-VUWG-L10A-P53E-M3 Datasheet
89Kb / 2P
Pneumatic valve
VUWG-L10-T32C-A-M7 FESTO-VUWG-L10-T32C-A-M7 Datasheet
92Kb / 2P
Pneumatic valve
VOFC-L-B52-G14-F19A FESTO-VOFC-L-B52-G14-F19A Datasheet
97Kb / 2P
Pneumatic valve
VOFC-LT-M32C-MC-FG13-F19A FESTO-VOFC-LT-M32C-MC-FG13-F19A Datasheet
98Kb / 2P
Pneumatic valve
VOFC-LT-M32C-MC-G14-F19 FESTO-VOFC-LT-M32C-MC-G14-F19 Datasheet
89Kb / 2P
Pneumatic valve
VOFC-LT-M32C-MC-G14-F19A FESTO-VOFC-LT-M32C-MC-G14-F19A Datasheet
89Kb / 2P
Pneumatic valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com