Electronic Components Datasheet Search
  English  ▼

X  

EMI8043 Datasheet(PDF) 3 Page - ON Semiconductor

Part # EMI8043
Description  Common Mode Filter with ESD Protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EMI8043 Datasheet(HTML) 3 Page - ON Semiconductor

  EMI8043 Datasheet HTML 1Page - ON Semiconductor EMI8043 Datasheet HTML 2Page - ON Semiconductor EMI8043 Datasheet HTML 3Page - ON Semiconductor EMI8043 Datasheet HTML 4Page - ON Semiconductor EMI8043 Datasheet HTML 5Page - ON Semiconductor EMI8043 Datasheet HTML 6Page - ON Semiconductor EMI8043 Datasheet HTML 7Page - ON Semiconductor EMI8043 Datasheet HTML 8Page - ON Semiconductor EMI8043 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
EMI804x Series
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VRWM Reverse Working Voltage
(Note 3)
3.3
V
VBR
Breakdown Voltage
IT = 1 mA; (Note 4)
4.0
9.0
V
ILEAK Channel Leakage Current
TA = 25°C, VIN = 3.3 V, GND = 0 V
1.0
mA
RCH
Channel Resistance
(Pins 1−6, 2−5) − EMI8041
(Pins 1−10, 2−9, 4−7 and 5−6) − EMI8042
(Pins 1−16, 2−15, 4−13, 5−12, 7−10 and 8−9) − EMI8043
6.0
W
DMLOSS Differential Mode Insertion Loss
@ 2.5 GHz
2.5
dB
f3dB
Differential Mode Cut-off Frequency
50 W Source and Load
Termination
5.0
GHz
Fatten Common Mode Stop Band Attenuation
@ 700 MHz
15
dB
VESD In-system ESD Withstand Voltage
a) Contact discharge per IEC 61000-4-2 standard, Level 4
(External Pins)
b) Contact discharge per IEC 61000-4-2 standard, Level 1
(Internal Pins)
(Notes 1 and 2)
±15
±2
kV
VCL
TLP Clamping Voltage
Forward IPP = 8 A
Forward IPP = 16 A
Forward IPP = −8 A
Forward IPP = −16 A
7.26
11.8
−3.5
−6.7
V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Standard IEC61000−4−2 with CDischarge = 150 pF, RDischarge = 330, GND grounded.
2. These measurements performed with no external capacitor.
3. TVS devices are normally selected according to the working peak reverse voltage (VRWM), which should be equal to or greater than the DC
or continuous peak operating voltage level.
4. VBR is measured at pulse test current IT.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com