Electronic Components Datasheet Search
  English  ▼

X  

D4UB10 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # D4UB10
Description  Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

D4UB10 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  D4UB10 Datasheet HTML 1Page - First Silicon Co., Ltd D4UB10 Datasheet HTML 2Page - First Silicon Co., Ltd D4UB10 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bridge Rectifiers
Features
● UL recognition, file #E230084
● Ideal for printed circuit boards
● High surge current capability
● Solder dip 275 °C max. 7 s, per JESD 22-B106
Typical Applications
General purpo
se use in AC/DC bridge full wave
rectification for
monitor, TV, printer, power supply, switching
mode power supply, adapter, audio equipment, and home
appliances applications.
Mechanical Data
● Package: D3K
Molding co
mpound meets UL 94 V-0 flammability
rating, RoH
S-compliant
● Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
● Polarity: As marked on body
■Maximum Ratings (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
D4UB05
D4UB10
D4UB20
D4UB40
D4UB60
D4UB80 D4UB100
Device marking code
D4UB05 D4UB10 D4UB20 D4UB40 D4UB60 D4UB80 D4UB100
Repetitive pea
k reverse voltage
VRRM
V
50
100
200
400
600
800
1000
Average rectified output
current @
60Hz sine wave,
R-load
With hea
tsink
Tc =140℃
IO
A
4.0
Without
heatsink
Ta =29℃
1.3
Surge(non-repetitive)forward current
@
60Hz half sine wave, 1 cycle, Tj=25℃
I
FSM
A
135
Current squared time
@
1ms≤t≤8.3ms Tj=25℃, Rating of per diode
I2t
A2s
75
Storage temperature
Tstg
℃
-55 ~+150
Junction temperature
Tj
℃
-55 ~+150
Dielectric strength
@ T
erminals to case, AC 1 minute
Vdis
KV
2
Mounting torque
@
Recommend torque:5kg·cm
Tor
kg·cm
8
■Electrical Characteristics(Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL UNIT
TEST
CONDITIONS
D4UB05 D4UB10 D4UB20 D4UB40 D4UB60 D4UB80 D4UB100
Maximum instantaneous forward
voltage drop per diode
VF
V
IFM=2.0A
1.00
Ma
ximum DC reverse current at
rated DC blocking voltage per diode
IRRM
μA VRM=VRRM
5
+
~
~
-
SEMICONDUCTOR
TECHNICAL DATA
D4UB05 ~ D4UB100
2020. 07. 07
1/3
Revision No : 0


Similar Part No. - D4UB10

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
D4UB10 KINGTRONICS-D4UB10 Datasheet
422Kb / 2P
Single Phase 4.0 AMPS.Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 4.0 Amperes
D4UB10 KINGTRONICS-D4UB10 Datasheet
470Kb / 2P
Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 4.0 Amperes
logo
SeCoS Halbleitertechnol...
D4UB10 SECOS-D4UB10 Datasheet
188Kb / 2P
Voltage 50V ~ 1000V 4.0Amp Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
D4UB10 YANGJIE-D4UB10 Datasheet
161Kb / 4P
Bridge Rectifiers
logo
SAMYANG ELECTRONICS CO....
D4UB10 SAMYANG-D4UB10 Datasheet
950Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - D4UB10

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
Bridge Rectifiers
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Semikron International
CS10S SEMIKRON-CS10S Datasheet
200Kb / 2P
Bridge rectifiers
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
Bridge Rectifiers
DF005S FAIRCHILD-DF005S_10 Datasheet
121Kb / 3P
Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
Bridge Rectifiers
logo
Dongguan City Niuhang E...
KBL4005 NIUHANG-KBL4005 Datasheet
4Mb / 5P
BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
GBJ35005 JUXING-GBJ35005 Datasheet
950Kb / 2P
BRIDGE RECTIFIERS
GBU6005G JUXING-GBU6005G Datasheet
1Mb / 2P
BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com