Electronic Components Datasheet Search
  English  ▼

X  

FTK2N65P Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK2N65P
Description  2 Amps, 650 Volts N-CHANNEL MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK2N65P Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK2N65P Datasheet HTML 1Page - First Silicon Co., Ltd FTK2N65P Datasheet HTML 2Page - First Silicon Co., Ltd FTK2N65P Datasheet HTML 3Page - First Silicon Co., Ltd FTK2N65P Datasheet HTML 4Page - First Silicon Co., Ltd FTK2N65P Datasheet HTML 5Page - First Silicon Co., Ltd FTK2N65P Datasheet HTML 6Page - First Silicon Co., Ltd FTK2N65P Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ELECTRICAL CHARACTERISTICS
tD (ON)
10
ns
tR
30
ns
tD(OFF)
30
ns
tF
VDD =300V, ID =2.0A, RG=25Ω
(Note 1,2)
30
ns
QG
10
nC
QGS
1.5
nC
QGD
VDS=480V, VGS=10V, ID=2.0A
(Note 1, 2)
5
nC
VSD
VGS = 0 V, ISD = 2.0 A
1.5
V
ISD
2.0
A
ISM
8.0
A
tRR
250
ns
QRR
VGS = 0 V, ISD = 2.0A,
di/dt = 100 A/µs (Note1)
1.0
µC
Note: 1. Pulse Test: Pulse Width ≤300μs, Duty Cycle≤2%
2. Essentially Independent of Operating Temperature
2011. 08. 25
3/7
FTK2N65P / F / D / I
Revision No : 0
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
UNIT
SWITCHING CHARACTERISTICS
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
DRAIN-SOURCE DIODE CHARACTERISTICS
Drain-Source Diode Forward Voltage
Continuous Drain-Source Current
Pulsed Drain-Source Current
Reverse Recovery Timee
Reverse Recovery Charge
MAX
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
(TJ = 25˚C , unless Otherwise specified.)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com