Electronic Components Datasheet Search
  English  ▼

X  

FTK4N60F Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK4N60F
Description  4 Amps, 600 Volt N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4N60F Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK4N60F Datasheet HTML 1Page - First Silicon Co., Ltd FTK4N60F Datasheet HTML 2Page - First Silicon Co., Ltd FTK4N60F Datasheet HTML 3Page - First Silicon Co., Ltd FTK4N60F Datasheet HTML 4Page - First Silicon Co., Ltd FTK4N60F Datasheet HTML 5Page - First Silicon Co., Ltd FTK4N60F Datasheet HTML 6Page - First Silicon Co., Ltd FTK4N60F Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Power MOSFET
ABSOLUTE MAXIMUM RATINGS
(TC = 25˚C, unless otherwise specified)
PARAMET
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
600
V
VDSS
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 1)
IAR
4.4
A
TC = 25°C
4.0
A
Continuous Drain Current
TC = 100°C
ID
2.2
Pulsed Drain Current (Note 1)
IDM
16
A
Single Pulse(Note 2)
EAS
150
mJ
Avalanche Energy
Repetitive Limited by TJ(MAX)
EAR
7.0
mJ
Peak Diode Recovery dv/dt (Note 3)
dv/dt
4.5
V/ns
106
W
Power Dissipation
PD
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(TC = 25˚C , unless Otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
UNIT
OFF CHARACTERISTICS
600
V
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V, ID = 250µA
VDS = 600V, VGS = 0V
1
µ
A
Drain-Source Leakage Current
IDSS
VDS = 480V, TC = 125°C
10
µ
A
Forward
VGS = 30V, VDS = 0V
100
nA
Gate-Source Leakage Current
Reverse
IGSS
VGS = -30V, VDS = 0V
-100
nA
Breakdown Voltage Temperature Coefficient ΔBVDSS / ΔTJ ID = 250
µ
A, Referenced to
25°C
0.7
V / ˚C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250µA
2.0
4.0
V
Drain-Source On-State Resistance
RDS(ON)
VGS = 10V, ID = 2.2A
2.5
Ω
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
520
pF
Output Capacitance
COSS
35
pF
Reverse Transfer Capacitance
CRSS
VDS = 25V, VGS = 0V,
f = 1.0MHz
7.5
pF
2008. 07. 10
2/7
FTK4N60P / F / D / I
Revision No : 1
TSTG
-55 ~ +150
˚C
MAX
Storage Temperature
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
VDD = 300V, ID = 4A, RG = 25Ω
(Note 4,5)
ns
Turn-On Rise Time
tR
42
ns
Turn-Off Fall Time
tF
46
ns
Total Gate Charge
QG
15
nC
Gate-Source Charge
QGS
VDS = 480V,ID = 4A, VGS = 10V
(Note 4,5)
2.8
nC
Turn-Off Delay Time
Gate-Drain Charge
QGD
5.5
nC
tD(OFF)
Forward Transconductance
gFS
VDS = 50V, ID = 2.2A (Note 4)
1.9
S
10
38
ns
Junction Temperature
TJ
+150
˚C
TOPR
-55 ~ +150
˚C
Operating Temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com