Electronic Components Datasheet Search
  English  ▼

X  

0809LD60P Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 0809LD60P
Description  60 WATT, 28V, 1 GHz LDMOS FET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

0809LD60P Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  0809LD60P Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R.0.2P.991602-BEHRE
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT BEFORE THE PRODUCT(S) DESCRIBED HEREIN ARE
WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS, THAT THE PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
0809LD60P
60 WATT, 28V, 1 GHz
LDMOS FET
PRELIM I N A RY I S S U E
GENERAL DESCRIPTION
The 0809LD60P is a common source N-Channel enhancement mode lateral
MOSFET capable of providing 60 Watts of RF power from HF to 1 GHz. The
device is nitride passivated and utilizes gold metallization to ensure high
reliability and supreme ruggedness.
CASE OUTLINE
55QU
Common Source
ABSOLUTE MAXIMUM RATINGS
Power Dissipation
Device Dissipation @25
°C (P
d)
170 W
Thermal Resistance (
θ
JC)1.0°C/W
Voltage and Current
Drain-Source (VDSS)
65V
Gate-Source (VGS)
±20V
Temperatures
Storage Temperature
-65 to +200
°C
Operating Junction Temperature
+200
°C
ELECTRICAL CHARACTERISTICS @ 25
°°°°C
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ΒV
dss
Drain-Source Breakdown
Vgs = 0V, Id = 2ma
65
70
V
Idss
Drain-Source Leakage Current
Vds = 28V, Vgs= 0V
1
A
Igss
Gate-Source Leakage Current
Vgs = 20V, Vds = 0V
1
A
Vgs(th)
Gate Threshold Voltage
Vds = 10V, Id = 100ma
2
4
5
V
Vds(on)
Drain-Source On Voltage
Vgs = 10V, Id = 3A
0.7
V
gFS
Forward Transconductance
Vds = 10V, Id = 3A
2.2
S
Ciss
Input Capacitance
Vds = 28V, Vgs = 0V, F = 1 MHz
90
pF
Crss
Reverse Transfer Capacitance
Vds = 28V, Vgs = 0V, F = 1 MHz
5
pF
Coss
Output Capacitance
Vds = 28V, Vgs = 0V, F = 1 MHz
60
pF
FUNCTIONAL CHARACTERISTICS @ 25
°°°°C
GPS
Common Source Power Gain
Vds = 28V, Idq = 0.3A,
F = 900MHz, Pout = 60W
14
dB
η
d
Drain Efficiency
Vds = 28V, Idq = 0.3A,
F = 900MHz, Pout = 60W
50
%
IMD3
Intermodulation Distortion,
3
rd Order
Vds = 28V, Idq = 0.3A,
Pout =60WPEP, F1 = 900 MHz,
F2 = 900.1 MHz
-30
dBc
Ψ
Load Mismatch
Vds = 28V, Idq = 0.3A,
F = 900MHz, Pout = 60W
10:1


Similar Part No. - 0809LD60P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0809LD60 ETC1-0809LD60 Datasheet
16Kb / 1P
60 WATT, 28V, 1 GHz LDMOS FET
More results

Similar Description - 0809LD60P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0809LD120 ETC1-0809LD120 Datasheet
17Kb / 1P
120 WATT, 28V, 1 GHz LDMOS FET
0809LD30 ETC1-0809LD30 Datasheet
16Kb / 1P
30 WATT, 28V, 1 GHz LDMOS FET
0809LD30P ETC1-0809LD30P Datasheet
15Kb / 1P
30 WATT, 28V, 1 GHz LDMOS FET
0809LD60 ETC1-0809LD60 Datasheet
16Kb / 1P
60 WATT, 28V, 1 GHz LDMOS FET
SLD-1083CZ ETC1-SLD-1083CZ Datasheet
218Kb / 5P
4 Watt Discrete LDMOS FET in Ceramic Package
logo
SIRENZA MICRODEVICES
SLD-1000 SIRENZA-SLD-1000 Datasheet
332Kb / 5P
4 Watt Discrete LDMOS FET-Bare Die
SLD-2000 SIRENZA-SLD-2000 Datasheet
474Kb / 5P
12 Watt Discrete LDMOS FET-Bare Die
SLD-2083CZ SIRENZA-SLD-2083CZ Datasheet
278Kb / 6P
12 Watt Discrete LDMOS FET in Ceramic Package
SLD-1083CZ SIRENZA-SLD-1083CZ Datasheet
220Kb / 5P
4 Watt Discrete LDMOS FET in Ceramic Package
logo
STMicroelectronics
SD56060 STMICROELECTRONICS-SD56060 Datasheet
242Kb / 13P
60 W, 28 V, HF to 1 GHz RF power LDMOS transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com