Electronic Components Datasheet Search
  English  ▼

X  

FTK5N80P Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK5N80P
Description  5.0 Amps, 800 Volts N-Channel MOS -FET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK5N80P Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK5N80P Datasheet HTML 1Page - First Silicon Co., Ltd FTK5N80P Datasheet HTML 2Page - First Silicon Co., Ltd FTK5N80P Datasheet HTML 3Page - First Silicon Co., Ltd FTK5N80P Datasheet HTML 4Page - First Silicon Co., Ltd FTK5N80P Datasheet HTML 5Page - First Silicon Co., Ltd FTK5N80P Datasheet HTML 6Page - First Silicon Co., Ltd FTK5N80P Datasheet HTML 7Page - First Silicon Co., Ltd FTK5N80P Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2013. 01. 03
3/8
FTK5N80P/F/DD
Revision No : 0
ELECTRICAL CHARACTERISTICS (TC = 25˚C , unless Otherwise specified.)
VSD
VGS = 0 V, IS =5.0A
1.4
V
IS
5.5
A
ISM
20
A
tRR
700
ns
QRR
VGS = 0 V, IS = 5.0A,
dIF/dt =100 A/µs (Note 4)
7.7
µC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
UNIT
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Drain-Source Diode Forward Voltage
Maximum Continuous Drain-Source Diode
Forward Current
Maximum Pulsed Drain-Source Diode Forward
Current
Reverse Recovery Time
Reverse Recovery Charge
MAX
Notes:
1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pulse width limited by safe operating area.
3. Starting TJ=25°C, ID=IAR, VDD=50V
4. Pulsed: Pulse duration=300μs, duty cycle 1.5%.
5. Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com