Electronic Components Datasheet Search
  English  ▼

X  

2SC3931 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC3931
Description  Silicon NPN epitaxial planer type(For high-frequency amplification)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3931 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC3931 Datasheet HTML 1Page - Panasonic Semiconductor 2SC3931 Datasheet HTML 2Page - Panasonic Semiconductor 2SC3931 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Transistor
2SC3931
Silicon NPN epitaxial planer type
For high-frequency amplification
s Features
q
Optimum for RF amplification of FM/AM radios.
q
High transition frequency fT.
q
S-Mini type package, allowing downsizing of the equipment and
automatic insertion through the tape packing and the magazine
packing.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Base
2:Emitter
EIAJ:SC–70
3:Collector
S–Mini Type Package
2.1
±0.1
1.25
±0.1
0.425
0.425
1
3
2
0.2
±0.1
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Ratings
30
20
3
15
150
150
–55 ~ +150
Unit
V
V
V
mA
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector to base voltage
Emitter to base voltage
Forward current transfer ratio
Base to emitter voltage
Transition frequency
Common emitter reverse transfer capacitance
Power gain
Noise figure
Symbol
VCBO
VEBO
hFE
*
VBE
fT
Cre
PG
NF
Conditions
IC = 10µA, IE = 0
IE = 10µA, IC = 0
VCB = 6V, IE = –1mA
VCB = 6V, IE = 1mA
VCB = 6V, IE = –1mA, f = 200MHz
VCE = 6V, IC = 1mA, f = 10.7MHz
VCB = 6V, IE = –1mA, f = 100MHz
VCB = 6V, IE = –1mA, f = 100MHz
min
30
3
65
450
typ
0.72
650
0.8
24
3.3
max
260
1
Unit
V
V
V
MHz
pF
dB
dB
Marking symbol :
U
*h
FE Rank classification
Rank
C
D
hFE
65 ~ 160
100 ~ 260
Marking Symbol
UC
UD


Similar Part No. - 2SC3931

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3930 PANASONIC-2SC3930 Datasheet
52Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
logo
Guangdong Kexin Industr...
2SC3930 KEXIN-2SC3930 Datasheet
45Kb / 1P
Silicon NPN Epitaxial Planar
logo
SeCoS Halbleitertechnol...
2SC3930 SECOS-2SC3930 Datasheet
190Kb / 3P
NPN Silicon Epitaxial Planar Transistor
logo
Shenzhen Jin Yu Semicon...
2SC3930 HTSEMI-2SC3930 Datasheet
845Kb / 3P
TRANSISTOR (NPN)
logo
Galaxy Semi-Conductor H...
2SC3930 BILIN-2SC3930 Datasheet
373Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
More results

Similar Description - 2SC3931

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1047 PANASONIC-2SC1047 Datasheet
56Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC2295 PANASONIC-2SC2295 Datasheet
51Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC2404 PANASONIC-2SC2404 Datasheet
56Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC2778 PANASONIC-2SC2778 Datasheet
56Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC3930 PANASONIC-2SC3930 Datasheet
52Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4562 PANASONIC-2SC4562 Datasheet
35Kb / 2P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4626 PANASONIC-2SC4626 Datasheet
52Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4627 PANASONIC-2SC4627 Datasheet
57Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4655 PANASONIC-2SC4655 Datasheet
55Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC829 PANASONIC-2SC829 Datasheet
55Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com