Electronic Components Datasheet Search
  English  ▼

X  

AM79C02 Datasheet(PDF) 26 Page - Advanced Micro Devices

Part # AM79C02
Description  Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C02 Datasheet(HTML) 26 Page - Advanced Micro Devices

Back Button AM79C02 Datasheet HTML 22Page - Advanced Micro Devices AM79C02 Datasheet HTML 23Page - Advanced Micro Devices AM79C02 Datasheet HTML 24Page - Advanced Micro Devices AM79C02 Datasheet HTML 25Page - Advanced Micro Devices AM79C02 Datasheet HTML 26Page - Advanced Micro Devices AM79C02 Datasheet HTML 27Page - Advanced Micro Devices AM79C02 Datasheet HTML 28Page - Advanced Micro Devices AM79C02 Datasheet HTML 29Page - Advanced Micro Devices AM79C02 Datasheet HTML 30Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
26
Am79C02/03/031(A) Data Sheet
Summary of MPI Commands**
Notes:
1. *Code changes with function.
2. **All codes not listed are reserved by AMD and should not be used.
C#
Hex
Description
C#
Hex
Description
1.
00
Deactivate (Standby mode)
24.
80
Write GX Filter Coefficients
2.
02
Reset
25.
81
Read GX Filter Coefficients
3.
06
No Operation
26.
82
Write GR Filter Coefficients
4.
08
Reset to Normal Conditions
27.
83
Read GR Filter Coefficients
5.
0E
Activate
28.
84
Write Z Filter Coefficients
6.
1*
MCLK Selection
29.
85
Read Z Filter Coefficients
7.
40
Write TX Time Slot & PCM Highway
30.
86
Write B Filter Coefficients
8.
41
Read TX Time Slot & PCM Highway
31.
87
Read B Filter Coefficients
9.
42
Write RX Time Slot & PCM Highway
32.
88
Write X Filter Coefficients
10.
43
Read RX Time Slot & PCM Highway
33.
89
Read X Filter Coefficients
11.
44
Write RX & TX Clock Slot and TX Edge
34.
8A
Write R Filter Coefficients
12.
45
Read RX & TX Clock Slot and TX Edge
35.
8B
Read R Filter Coefficients
13.
50
Write AISN, PCM delay, Analog Gains
36.
8C
Write Echo Path Gain
14.
51
Read AISN, PCM delay, Analog Gains
37.
8D
Read Echo Path Gain
15.
52
Write SLIC Input/Output Register
38.
8E
Write Error Level Threshold
16.
53
Read SLIC Input/Output Register
39.
8F
Read Error Level Threshold
17.
54
Write SLIC Input/Output Direction
40.
92
Write GZ Filter Coefficient
18.
55
Read SLIC I/O Direction, Power
Interrupt Bit, and Channel Status Bit
41.
93
Read GZ Filter Coefficient
19.
60
Write Operating Functions
42.
90
Write Adaptive B Filter Control
20.
61
Read Operating Functions
43.
91
Read Adaptive B Filter Control
21.
70
Write Operating Conditions
44.
64
Write Operating Functions II
22.
71
Read Operating Conditions
45.
65
Read Operating Functions II
23.
73
Read Revision Code Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com