Electronic Components Datasheet Search
  English  ▼

X  

SC3E8 Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

Part # SC3E8
Description  3-Electrode Gas Discharge Tube (GDT)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SC3E8 Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  SC3E8 Datasheet HTML 1Page - Socay Electornics Co., Ltd. SC3E8 Datasheet HTML 2Page - Socay Electornics Co., Ltd. SC3E8 Datasheet HTML 3Page - Socay Electornics Co., Ltd. SC3E8 Datasheet HTML 4Page - Socay Electornics Co., Ltd. SC3E8 Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3-Electrode Gas Discharge Tube (GDT)
Revision January 4, 2019
2 / 5
@SOCAY Electronics Corp., Ltd. 2019
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SC3E8 Series
SOCAY Electronics Corp., Ltd.
www.socay.com
Radial Leaded Devices (SC3E8-XXXHM)
Radial Leaded Devices with Fail-Safe (SC3E8-XXXHMF)
"T" Leaded Devices (SC3E8-XXXHP)
Without wire Devices (SC3E8-XXXH)
Part Number
Marking
DC Spark-over
Voltage
Maximum Impulse
Spark-over Voltage
Minimum
Insulation
Resistance
Maximum
Capacitance
Arc
Voltage
Service Life
Nominal
Impulse
Discharge
Current
Max Impulse
Discharge
Current
Nominal
Alternating
Discharge
Current
Impulse Life
@100V/S
@100V/
μs @1KV/μs
@1MHz
@1A
@8/20
μs 4)
±5 times
@8/20
μs 4)
1 time
@50Hz 4)
1 Sec
10 times
@10/1000
μs 4)
300 times
SC3E8-75HM
SC3E8-75HMF
SC3E8-75HP
SC3E8-75H
SOCAY
75H
75V
±20%
<500V
<600V
1G
Ω
(at 25V)
<1.5pF
~15V
20KA
25KA
20A
200A
SC3E8-90HM
SC3E8-90HMF
SC3E8-90HP
SC3E8-90H
SOCAY
90H
90V
±20%
<500V
<600V
1G
Ω
(at 50V)
<1.5pF
~15V
20KA
25KA
20A
200A
Dimensions
(Unit: mm)
Electrical Characteristics



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com