Electronic Components Datasheet Search
  English  ▼

X  

1858905 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1858905
Description  Printed-circuit board connector - GIC 2,5/ 5-STF-7,62
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1858905 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1858905 Datasheet HTML 1Page - PHOENIX CONTACT 1858905 Datasheet HTML 2Page - PHOENIX CONTACT 1858905 Datasheet HTML 3Page - PHOENIX CONTACT 1858905 Datasheet HTML 4Page - PHOENIX CONTACT 1858905 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
https://www.phoenixcontact.com/us/products/1858905
10/30/2014   Page 5 / 5
Printed-circuit board connector - GIC 2,5/ 5-STF-7,62 - 1858905
Approvals
IECEE CB Scheme 
 
 
mm²/AWG/kcmil
0.2-2.5
Nominal current IN
12 A
Nominal voltage UN
400 V
GOST 
CCA 
 
 
mm²/AWG/kcmil
0.2-2.5
Nominal current IN
12 A
Nominal voltage UN
400 V
cULus Recognized 
Drawings
Dimensioned drawing
19,2
6,1
7,62
a+7,52
a
5,24
Phoenix Contact 2014 © - all rights reserved
http://www.phoenixcontact.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com