Electronic Components Datasheet Search
  English  ▼

X  

2SC3934 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # 2SC3934
Description  Silicon NPN epitaxial planer type(For high-frequency wide-band low-noise amplification)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3934 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  2SC3934 Datasheet HTML 1Page - Panasonic Semiconductor 2SC3934 Datasheet HTML 2Page - Panasonic Semiconductor 2SC3934 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Transistor
2SC3934
S12, S21
+90˚
+60˚
–60˚
+120˚
–120˚
+30˚
–30˚
+150˚
–150˚
±180˚
0˚
–90˚
–30
5
15
20
10
–15
–10
–25
–20
1000MHz
V
CE=10V
I
C=20mA
E: Earth
S
21
S
12
1000MHz
800MHz
800MHz
500MHz
500MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com