Electronic Components Datasheet Search
  English  ▼

X  

ADBT1002 Datasheet(PDF) 32 Page - Analog Devices

Part # ADBT1002
Description  4-Channel AFE, Digital Controller, and PWM for Battery Formation and Testing
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBT1002 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADBT1002 Datasheet HTML 28Page - Analog Devices ADBT1002 Datasheet HTML 29Page - Analog Devices ADBT1002 Datasheet HTML 30Page - Analog Devices ADBT1002 Datasheet HTML 31Page - Analog Devices ADBT1002 Datasheet HTML 32Page - Analog Devices ADBT1002 Datasheet HTML 33Page - Analog Devices ADBT1002 Datasheet HTML 34Page - Analog Devices ADBT1002 Datasheet HTML 35Page - Analog Devices ADBT1002 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
Data Sheet
ADBT1002
MEMORY MAPPED REGISTERS
analog.com
Rev. 0 | 32 of 44
Table 15. CHANNEL_CTRLA (CHANNEL_REGMAP) Register Summary
Address
Name
Description
Reset
Access
0x3056
V_PID_KD_SET2_LSB
Voltage PID Derivative
Coefficient (LSB) Register, Set
to 2
0x0000
R/W
0x3057
V_PID_KD_SET2_MSB
Voltage PID Derivative
Coefficient (MSB) Register, Set
to 2
0x0000
R/W
0x3058
PID_CCCV_KTRANS_SET1
PID Constant Current to
Constant Voltage Transition
Coefficient, Set to 1
0x0000
R/W
0x3059
PID_CCCV_KTRANS_SET2
PID Constant Current to
Constant Voltage Transition
Coefficient, Set to 2
0x0000
R/W
0x305A
TEMP_EXT_CAL_0
Temperature Value for the
External Calibration Point 0
Register
0x0000
R/W
0x305B
TEMP_EXT_CAL_1
Temperature Value for the
External Calibration Point 1
Register
0x0000
R/W
0x305C
TEMP_EXT_CAL_2
Temperature Value for the
External Calibration Point 2
Register
0x0000
R/W
0x305D
TEMP_EXT_CAL_3
Temperature Value for the
External Calibration Point 3
Register
0x0000
R/W
0x305E
TEMP_EXT_CAL_4
Temperature Value for the
External Calibration Point 4
Register
0x0000
R/W
0x305F
TEMP_EXT_CAL_5
Temperature Value for the
External Calibration Point 5
Register
0x0000
R/W
0x3060
TEMP_EXT_CAL_INV_MSB_0
Slope Between the External
Temperature 0 and Temperature
1 MSBs Register
0x0000
R/W
0x3061
TEMP_EXT_CAL_INV_LSB_0
Slope Between the External
Temperature 0 and Temperature
1 LSBs Register
0x0000
R/W
0x3062
TEMP_EXT_CAL_INV_MSB_1
Slope Between the External
Temperature 1 and Temperature
2 MSBs Register
0x0000
R/W
0x3063
TEMP_EXT_CAL_INV_LSB_1
Slope Between the External
Temperature 1 and Temperature
2 LSBs Register
0x0000
R/W
0x3064
TEMP_EXT_CAL_INV_MSB_2
Slope Between the External
Temperature 2 and Temperature
3 MSBs Register
0x0000
R/W
0x3065
TEMP_EXT_CAL_INV_LSB_2
Slope Between the External
Temperature 2 and Temperature
3 LSBs Register
0x0000
R/W
0x3066
TEMP_EXT_CAL_INV_MSB_3
Slope Between the External
Temperature 3 and Temperature
4 MSBs Register
0x0000
R/W
0x3067
TEMP_EXT_CAL_INV_LSB_3
Slope Between the External
Temperature 3 and Temperature
4 LSBs Register
0x0000
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com