Electronic Components Datasheet Search
  English  ▼

X  

LT8228 Datasheet(PDF) 39 Page - Analog Devices

Part # LT8228
Description  Quad-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8228 Datasheet(HTML) 39 Page - Analog Devices

Back Button LT8228 Datasheet HTML 35Page - Analog Devices LT8228 Datasheet HTML 36Page - Analog Devices LT8228 Datasheet HTML 37Page - Analog Devices LT8228 Datasheet HTML 38Page - Analog Devices LT8228 Datasheet HTML 39Page - Analog Devices LT8228 Datasheet HTML 40Page - Analog Devices LT8228 Datasheet HTML 41Page - Analog Devices LT8228 Datasheet HTML 42Page - Analog Devices LT8228 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
LTC7872
39
Rev. 0
For more information www.analog.com
MFR_IDAC_SETCUR
The MFR_IDAC_SETCUR stores the current DAC value to program the sourcing current of the SETCUR pin. It is for-
matted as a 5-bit two’s complement value. The default value for this register is 0x00 and the SETCUR pin originally
sources 16µA. This register can program the SETCUR pin sourcing current from 0 to 31µA as shown in the Table 9.
Writes to this register are inhibited when the WP, BIT[0] in MFR_CHIP_CTRL, is set high.
MFR_IDAC_SETCUR Message Contents:
BIT
VALUE
MEANING
7:5
RESERVED
4
0
1
16µA
0µA
3
0
1
0µA
8µA
2
0
1
0µA
4µA
1
0
1
0µA
2µA
0
0
1
0µA
1µA
MFR_SSFM
The MFR_SSFM is for spread spectrum frequency modulation control. The default value for this register is 0x00. Writes
to this register are inhibited when the WP, BIT[0] in MFR_CHIP_CTRL, is set high.
MFR_SSFM Message Contents:
BIT
NAME
VALUE MEANING
7:5
Reserved
4:3
Frequency Spread
Range
00
±12%
01
±15%
10
±10%
11
±8%
2:0
Modulation Signal
Frequency
000
Controller Switching Frequency/512
001
Controller Switching Frequency/1024
010
Controller Switching Frequency/2048
011
Controller Switching Frequency/4096
100
Controller Switching Frequency/256
101
Controller Switching Frequency/128
110
Controller Switching Frequency/64
111
Controller Switching Frequency/512
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com