Electronic Components Datasheet Search
  English  ▼

X  

LTC3871 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC3871
Description  Quad-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3871 Datasheet(HTML) 1 Page - Analog Devices

  LTC3871 Datasheet HTML 1Page - Analog Devices LTC3871 Datasheet HTML 2Page - Analog Devices LTC3871 Datasheet HTML 3Page - Analog Devices LTC3871 Datasheet HTML 4Page - Analog Devices LTC3871 Datasheet HTML 5Page - Analog Devices LTC3871 Datasheet HTML 6Page - Analog Devices LTC3871 Datasheet HTML 7Page - Analog Devices LTC3871 Datasheet HTML 8Page - Analog Devices LTC3871 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
LTC7872
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Quad-Phase, Synchronous
Bidirectional Buck or Boost Controller
The LTC®7872 is a high performance bidirectional buck or
boost switching regulator controller that operates in either
buck or boost mode on demand. It regulates in buck mode
from VHIGH-to-VLOW and boost mode from VLOW-to-VHIGH
depending on a control signal, making it ideal for 48V/12V
automotive dual battery systems. An accurate current pro-
gramming loop regulates the maximum current that can
be delivered in either direction. The LTC7872 allows both
batteries to supply energy to the load simultaneously by
driving energy from either battery to the other.
Its proprietary constant frequency current mode archi-
tecture enhances the signal-to-noise ratio enabling low
noise operation and provides excellent current match-
ing between phases. Additional features include an SPI-
compliant serial interface, discontinuous or continuous
mode of operation, OV/UV monitors, independent loop
compensation for buck and boost operation, accurate
inductor current monitoring and overcurrent protection.
The LTC7872 is available in a 48-lead 7mm × 7mm
LXE package.
High Voltage Bidirectional Controller with Programming and Monitoring Functions
Boost-to-Buck Transition
APPLICATIONS
n
Unique Architecture Allows Dynamic Regulation of
Input Voltage, Output Voltage or Current
n
Operates with External Gate Drivers and MOSFETs
n
VHIGH Voltages Up to 100V; VLOW Voltages Up to 60V
n
Synchronous Rectification: Up to 98% Efficiency
n
ADI-Proprietary Advanced Current Mode Control
n
±1% Voltage Regulation Accuracy Overtemperature
n
Accurate, Programmable Inductor Current
Monitoring and Bidirectional Regulation
n
SPI Compliant Serial Interface
n
Operation Status and Fault Report
n
Programmable VHIGH, VLOW Margining
n
Phase-Lockable Frequency: 60kHz to 750kHz
n
Optional Spread Spectrum Modulation
n
Multiphase/Multi-ICs Operation Up to 24 Phases
n
Selectable CCM/DCM/Burst Mode Operation
n
Thermally Enhanced 48-Lead LQFP Package
n
AEC-Q100 Qualification in Progress
n
Automotive 48V/12V Dual Battery Systems
n
Backup Power Systems
All registered trademarks and trademarks are the property of their respective owners.
7872 TA01a
DRIVER
PWM1
0.1µF
1.69k
1m
16.9k
0.1µF
1.5k
6.8µH
SNSA1+
SNSD1+
SNS1–
VFBLOW
OVLOW
EXTVCC
VLOW
12V/120A
OVHIGH
UVHIGH
VFBHIGH
VHIGH
ITHLOW
IMON
SS
SETCUR
DRVCC
V5
PWMEN
FREQ
SGND
VHIGH
DRIVER
PWM4
0.1µF
1.69k
1m
16.9k
0.1µF
1.5k
6.8µH
SNSA4+
SNSD4+
SNS4–
VHIGH
22µF
×4
110k
+ 100µF
×4
VHIGH
30V TO
70V
2.2µF
×12
+ 33µF
×12
90.9k
10k
10k
2.2
100pF
0.1µF
4.7µF
4.7µF
45.3k
0.33µF
1nF
499
51k
37.4k
0.1µF
47pF
499
499k
12.7k
210k
10k
3.01M
48.7k
BOOST
BUCK
SPI
INTERFACE
(PHASE 2 TO PHASE 3)
LTC7872
1µF
PINS NOT USED
IN THIS CIRCUIT:
CLKOUT
DRVSET
MODE
ILIM
RUN
FAULT
PGOOD
ITHHIGH
LTC7060
LTC7060
NOTE: SDO REQUIRES PULL-UP
BUCK
SCLK
SDI
SDO
CSB
Boost–to–Buck Transition
50µs/DIV
BUCK
5V/DIV
7872 TA01b
VLOW
2V/DIV
IL
5A/DIV
VHIGH
2V/DIV
VSW
100V/DIV


Similar Part No. - LTC3871

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3871 LINER-LTC3871 Datasheet
1Mb / 16P
High Power PolyPhase짰 Bi-Directional Supply/Charger
LTC3871 LINER-LTC3871 Datasheet
2Mb / 38P
150V Low IQ, Synchronous Step-Down DC/DC Controller
LTC3871 LINER-LTC3871 Datasheet
1Mb / 36P
Hybrid Step-Down Synchronous Controller
LTC3871 LINER-LTC3871 Datasheet
1Mb / 24P
A 7-Bit Current DAC with PMBus Interface
logo
Analog Devices
LTC3871 AD-LTC3871 Datasheet
1Mb / 48P
Six-Phase, Synchronous Bidirectional Buck or Boost Controller
More results

Similar Description - LTC3871

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4508 SEMTECH-SC4508 Datasheet
203Kb / 10P
Buck or Buck-Boost(Inverting) Current Mode Controller
SC4508A SEMTECH-SC4508A Datasheet
418Kb / 21P
Buck or Buck-Boost (Inverting) Current Mode Controller
logo
Texas Instruments
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
Dual Output or Two-Phase Synchronous Buck Controller
logo
Altera Corporation
ER3125QI ALTERA-ER3125QI Datasheet
2Mb / 30P
MOSFET for Synchronous Buck or Boost Buck Converter
logo
Rohm
BD8303MUV ROHM-BD8303MUV_15 Datasheet
1Mb / 27P
Synchronous Buck-Boost Controller
logo
Analog Devices
LTC7871 AD-LTC7871 Datasheet
1Mb / 48P
Six-Phase, Synchronous Bidirectional Buck or Boost Controller
logo
Renesas Technology Corp
ISL81601 RENESAS-ISL81601 Datasheet
2Mb / 54P
60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
May 27, 2021
ISL81801 RENESAS-ISL81801 Datasheet
1Mb / 50P
80V Bidirectional 4-Switch Synchronous Buck-Boost Controller
Jun 2, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com