Electronic Components Datasheet Search
  English  ▼

X  

2SC5873S Datasheet(PDF) 1 Page - Rohm

Part # 2SC5873S
Description  Medium power transistor (30V, 0.5A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC5873S Datasheet(HTML) 1 Page - Rohm

  2SC5873S Datasheet HTML 1Page - Rohm 2SC5873S Datasheet HTML 2Page - Rohm 2SC5873S Datasheet HTML 3Page - Rohm 2SC5873S Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC5873S
Transistors
Rev.A
1/3
Medium power transistor (30V, 0.5A)
2SC5873S
Features
1) High speed switching.
(Tf : Typ. : 50ns at IC = 500mA)
2) Low saturation voltage, typically
(Typ. : 150mV at IC = 100mA, IB = 10mA)
3) Strong discharge power for inductive load and
capacitance load.
4) Complements the 2SA2085S
Applications
Small signal low frequency amplifier
High speed switching
External dimensions (Unit : mm)
Taping specifications
Symbol : C5873S
SPT
0.45
2.5
(1) (2) (3)
5.0
0.45
0.5
4.0
2.0
(1) Emitter
(2) Collector
(3) Base
Structure
NPN Silicon epitaxial planar transistor
Packaging specifications
Taping
2SC5873S
Type
TP
5000
Package
Basic ordering unit (pieces)
Code
Absolute maximum ratings (Ta=25
°C)
Parameter
V
V
V
A
A
mW
°C
°C
Symbol
VCBO
VCEO
VEBO
IC
ICP
PC
Tj
Tstg
Limits
Unit
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Power dissipation
Junction temperature
Range of storage temperature
DC
Pulsed
30
30
6
0.5
1.0
300
150
−55 to 150
∗
∗Pw=10ms


Similar Part No. - 2SC5873S

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5874S ROHM-2SC5874S Datasheet
98Kb / 4P
Medium power transistor (30V, 1.0A)
2SC5875 ROHM-2SC5875 Datasheet
98Kb / 4P
Power transistor (30V, 2A)
2SC5876 ROHM-2SC5876 Datasheet
44Kb / 4P
Medium power transistor (60V, 0.5A)
2SC5876 ROHM-2SC5876 Datasheet
68Kb / 4P
Medium power transistor (60V, 0.5A)
2SC5876 ROHM-2SC5876 Datasheet
934Kb / 4P
Medium power transistor (60V, 0.5A)
More results

Similar Description - 2SC5873S

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5729 ROHM-2SC5729 Datasheet
79Kb / 4P
Medium power transistor (30V, 0.5A)
2SA2047 ROHM-2SA2047 Datasheet
43Kb / 4P
MEDIUM POWER TRANSISTOR (-30V,-0.5A)
2SC5876 ROHM-2SC5876_1 Datasheet
68Kb / 4P
Medium power transistor (60V, 0.5A)
2SA2088 ROHM-2SA2088_11 Datasheet
934Kb / 4P
Medium power transistor (-60V, -0.5A)
2SA2090 ROHM-2SA2090_11 Datasheet
942Kb / 4P
Medium power transistor (-60V, -0.5A)
2SC5868 ROHM-2SC5868_11 Datasheet
935Kb / 4P
Medium power transistor (60V, 0.5A)
2SC5876 ROHM-2SC5876_11 Datasheet
934Kb / 4P
Medium power transistor (60V, 0.5A)
2SC2411KT146R ROHM-2SC2411KT146R Datasheet
65Kb / 4P
Medium Power Transistor (32V, 0.5A)
2SC4097T106R ROHM-2SC4097T106R Datasheet
66Kb / 4P
Medium Power Transistor (32V, 0.5A)
2SC2411KT146Q ROHM-2SC2411KT146Q Datasheet
78Kb / 4P
Medium Power Transistor (32V, 0.5A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com