Electronic Components Datasheet Search
  English  ▼

X  

3DAW Datasheet(PDF) 2 Page - GAPTEC Electronic GmbH & Co. KG

Part # 3DAW
Description  3W - Dual/Single Output - Ultra Wide Input - Isolated & Regulated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

3DAW Datasheet(HTML) 2 Page - GAPTEC Electronic GmbH & Co. KG

  3DAW Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 3DAW Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 3DAW Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 3DAW Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 2 of 4
3DAW_2 series – Rev. 2020-1.7
Specifications subject to change without notice.
3DAW_2 series
3W - Dual/Single Output - Wide Input - Isolated & Regulated
DC-DC Converter
Mechanical dimensions/footprint
Part Number
Input Voltage [V]
Output Voltage [VDC]
Output Current [mA,
max]
Efficiency [%, typ]
Max. Capacative Load [µF]
3DAW_xx03S2
4.5-9, 9-18, 18-36, 36-75
3.3
600
77, 78, 79, 80
1000
3DAW_xx05S2
4.5-9, 9-18, 18-36, 36-75
5
600
80, 82, 83, 83
1000
3DAW_xx09S2
4.5-9, 9-18, 18-36, 36-75
9
333
80, 84, 84, 84
680
3DAW_xx12S2
4.5-9, 9-18, 18-36, 36-75
12
250
83, 85, 85, 85
470
3DAW_xx15S2
4.5-9, 9-18, 18-36, 36-75
15
200
83, 85, 85, 85
330
3DAW_xx24S2
4.5-9, 9-18, 18-36, 36-75
24
125
82, 84, 84, 85
220
3DAW_xx05D2
4.5-9, 9-18, 18-36, 36-75
±5
±300
80, 82, 83, 83
±470
3DAW_xx12D2
4.5-9, 9-18, 18-36, 36-75
±12
±125
82, 84, 86, 85
±100
3DAW_xx15D2
4.5-9, 9-18, 18-36, 36-75
±15
±100
82, 84, 86, 85
±47
• xx=Input Voltage (possible for other input and output voltage combinations on request)
Vin = 4.5-9V, xx =05
Vin = 9-18V, xx = 12
Vin = 18-36V, xx = 24
Vin = 36-75V, xx = 48
• For B or C Pinning: 3DBW_xx03S2 or 3DCW_xx03S2
Note:
XX.X ± 0.25 mm
XX.XX ± 0.15 mm
Note:
XX.X ± 0.25 mm
XX.XX ± 0.15 mm
A Pinning
B Pinning



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com