Electronic Components Datasheet Search
  English  ▼

X  

3DAW4 Datasheet(PDF) 1 Page - GAPTEC Electronic GmbH & Co. KG

Part # 3DAW4
Description  3W - Dual/Single Output - Ultra Wide Input - Isolated & Regulated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

3DAW4 Datasheet(HTML) 1 Page - GAPTEC Electronic GmbH & Co. KG

  3DAW4 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 3DAW4 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 3DAW4 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 3DAW4 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 1 of 4
3DAW4_2 – Rev. 2016-1.4
Specifications subject to change without notice.
3DAW4_2 Series
3W - Dual/Single Output - Ultra Wide Input - Isolated & Regulated
DC-DC Converter
Ultra Wide 4:1 Input Voltage
Range
Very Low Stand-by (no-load)
Power Consumption
50mW typ and 150mW max.
High Efficiency up to 86%
3W Single and Dual outputs
I/O Isolation 1KVDC, 2KVDC,
4KVDC & 6KVDC Option
Operating Temperature Range:
-40°C to +85°C
Continuous Short Circuit
Protection (SCP)
Remote ON/OFF Control add
Suffix „/CTRL“ Option
2 Pinout Options, 2 Case
Styles
Internal PI-Filtering
DC-DC Converter
3 Watt
The 3DAW4_ T° series are specially designed for applications where a
wide range input voltage power supplies are isolated from the input
power supply in a distributed power supply system on a circuit board.
These products apply to:
1) Where the voltage of the input power supply is wide range
(voltage range≤ 4:1);
2) Where isolation is necessary between input and output
(isolation ≤1000VDC, ≤2000VDC, ≤4000VDC, ≤6000VDC);
3) Where the regulation of the output voltage and the output ripple
noise are demanded.
Model selection:
WCTV_xxyyN##
W= Watt; C= Case; T= Type; V=Voltage Variation (omitted ± 10%);
xx= Vin; yy=Vout; N= Numbers of Output; ##= Isolation (kVDC)
Example:
3DAW4_2405D6
3= 3Watt; D= DIP; A= series; W4= wide input (4:1) 9-36Vin; 5Vout;
D= Dual Output; 6= 6000VDC
Note:
1. All specifications measured at Ta=25°C, humidity<75%, nominal input voltage
and rated output load unless otherwise specified.
2. In this datasheet, all the test methods of indications are based on corporate
standards.
3. Only typical models listed, other models may be different, please contact our
technical person for more details.
Isolation specifications
Item
Test condition
Min
Typ
Max
Units
Isolation voltage
Tested for 1 second
1000
2000
4000
6000
VDC
Isolation resistance
500VDC, input to
output
15
GΩ
Isolation capacitance
100KHz
30
pF
Output specifications
Item
Test condition
Min
Typ
Max
Units
Output accuracy
Nominal Vin and full
load
±2
%
Line regulation
Vin=min to max,full
load
±0.5
%
Load regulation
20% to 100% full load
±0.5
%
Minimum load
0
%
Temperature drift
(Vout)
Refer to recommended
circuit
±0.03
%/°C
Output Ripple &
Noise
20MHz Bandwidth
60
mVp-p
Remote Power OFF
(leave open if not
used)
(15 VDC max.)
Device ON
Device OFF
Device OFF (Stand by
input current)
open or
<0.8 VDC
CTRL>1.5VDC
0.5mA max.
Common specifications
Input filter:
Pi type
Short circuit protection:
Continuous, automatic recovery
Temperature rise at full load:
15°C TYP
Cooling:
Free air convection
Operation temperature range:
-40°C~+100°C
Operation case temperature:
+110°C MAX
Storage temperature range:
-55°C ~+125°C
Storage humidity range:
< 95%
Lead temperature range:
300°C MAX, 1.5mm from case for 10 sec
No-load power consumption:
50mW TYP / 150mW MAX
Temperature coefficient:
-40°C to +85°C ambient
0.015 %/°C MAX
Operating Frequency:
150kHz MIN
Case material:
Non-conductive black plastic [UL94-V0]
Potting material:
Epoxy [UL94-V0]
MTBF (MIL-HDBK 217F):
+25°C: 2597x103 hours
+85°C: 378x103 hours
Weight:
13g


Similar Part No. - 3DAW4

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
3DAW4 GAPTEC-3DAW4 Datasheet
1Mb / 5P
3W - Single Output - Wide Input - Isolated & Regulated
3DAW4_2403S1.5 GAPTEC-3DAW4_2403S1.5 Datasheet
1Mb / 5P
3W - Single Output - Wide Input - Isolated & Regulated
3DAW4_2405S1.5 GAPTEC-3DAW4_2405S1.5 Datasheet
1Mb / 5P
3W - Single Output - Wide Input - Isolated & Regulated
3DAW4_2409S1.5 GAPTEC-3DAW4_2409S1.5 Datasheet
1Mb / 5P
3W - Single Output - Wide Input - Isolated & Regulated
3DAW4_2412S1.5 GAPTEC-3DAW4_2412S1.5 Datasheet
1Mb / 5P
3W - Single Output - Wide Input - Isolated & Regulated
More results

Similar Description - 3DAW4

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
3DAW GAPTEC-3DAW Datasheet
1Mb / 5P
3W - Dual/Single Output - Wide Input - Isolated & Regulated
3DAW-2 GAPTEC-3DAW-2 Datasheet
1Mb / 4P
3W - Dual/Single Output - Ultra Wide Input - Isolated & Regulated
3DAW-3 GAPTEC-3DAW-3 Datasheet
1Mb / 5P
3W - Single/Dual Output - Wide Input - Isolated & Regulated
3DAW4 GAPTEC-3DAW4 Datasheet
1Mb / 5P
3W - Single Output - Wide Input - Isolated & Regulated
3S8W GAPTEC-3S8W Datasheet
1Mb / 6P
3W - Dual/Single Output - Wide Input - Isolated & Regulated
3S8W-1.6RP GAPTEC-3S8W-1.6RP Datasheet
946Kb / 4P
3W - Dual/Single Output - Wide Input - Isolated & Regulated
3S8W-2RP GAPTEC-3S8W-2RP Datasheet
893Kb / 3P
3W - Dual/Single Output - Wide Input - Isolated & Regulated
3S8W-3RP GAPTEC-3S8W-3RP Datasheet
1Mb / 6P
3W - Dual/Single Output - Wide Input - Isolated & Regulated
3S8W4 GAPTEC-3S8W4 Datasheet
872Kb / 3P
3W - Dual/Single Output - Wide Input - Isolated & Regulated
3TAW GAPTEC-3TAW Datasheet
937Kb / 4P
3W - Single Output - Wide Input - Isolated & Regulated
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com