Electronic Components Datasheet Search
  English  ▼

X  

PLED18CA Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # PLED18CA
Description  LED Shunt Protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

PLED18CA Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  PLED18CA Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd PLED18CA Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd PLED18CA Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Description
TheopenLEDprotectorprovidesaswitchingelectronicshunt
pathwhenanLEDinanLEDarrayfailsasanopencircuit.Thisensures
thattheentirearrayof LEDswillcontinuetofunctionevenifasingle
LEDinthearraydoesnot.Thisprovideshigherreliablelightingfunctions
Inapplicationssuchasheadlights,aircrafts,aircraftrunwaylighting,
Roadsidewarninglights,etc.Thisdeviceiscompatiblewithone,twoand
ThreewattLEDsthathaveanominal3Vforwardcharacteristic.
Electrcal Characteristics (Tamb=25℃)
General Notes:
●
Allmeasurementsaremadeatanambienttemperatureof25℃.Ippappliesto-40℃through+85℃
temperaturerange.
●
Specialvoltage(VBOandVDRM)andholdingcurrent(IH)requirementsareavailableuponrequest.
Electrical Parameters(Tamb=25℃)
Symbol Parameter Symbol Parameter
VDRM Stand-offvoltage,ismeasured
atIDRM
IH
Holdingcurrent
IDRM Leakagecurrent,ismeasuredat
VDRM
IT
ON-statecurrent
VBR Breakovervoltage,ismeasured
at100V/μs
VT
On-statevoltage
IS
Breadovercurrent
Part
Number
VDRM
breakdown
IDRM
VBR
breakdown
IS
VT
IT
IH
Min.
Max.
Max.
Max.
Max.
Max.
Min.
V
uA
V
mA
V
A
mA
PLED18CA 18 10 33 600 1.5 1 5
LED Shunt Protection
PLED18CA
Rev :
www.leiditech.com
01.06.2019
1/3
SMA


Similar Part No. - PLED18CA

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
PLED18CB LEIDITECH-PLED18CB Datasheet
604Kb / 3P
LED Shunt Protection
More results

Similar Description - PLED18CA

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
PLED06CA LEIDITECH-PLED06CA Datasheet
568Kb / 3P
LED Shunt Protection
PLED09CA LEIDITECH-PLED09CA Datasheet
570Kb / 3P
LED Shunt Protection
PLED12CA LEIDITECH-PLED12CA Datasheet
570Kb / 3P
LED Shunt Protection
PLED36CA LEIDITECH-PLED36CA Datasheet
570Kb / 3P
LED Shunt Protection
PLED06CB LEIDITECH-PLED06CB Datasheet
603Kb / 3P
LED Shunt Protection
PLED09CB LEIDITECH-PLED09CB Datasheet
604Kb / 3P
LED Shunt Protection
PLED12CB LEIDITECH-PLED12CB Datasheet
604Kb / 3P
LED Shunt Protection
PLED18CB LEIDITECH-PLED18CB Datasheet
604Kb / 3P
LED Shunt Protection
PLED36CB LEIDITECH-PLED36CB Datasheet
604Kb / 3P
LED Shunt Protection
PLED06A2 LEIDITECH-PLED06A2 Datasheet
511Kb / 3P
LED Shunt Protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com