Electronic Components Datasheet Search
  English  ▼

X  

PXT8050 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # PXT8050
Description  TRANSISTOR(NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

PXT8050 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  PXT8050 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd PXT8050 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TRANSISTOR(NPN)
FEATURES
Compliment to PXT8550
MARKING: Y1
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
25
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current -Continuous
1.5
A
PC
Collector Power dissipation
0.5
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=100uA, IE=0
40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=0.1mA, IB=0
25
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA, IC=0
5
V
Collector cut-off current
ICBO
VCB=40V, IE=0
0.1
μA
Emitter cut-off current
ICEO
VCE=20V, IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V, IC=0
0.1
μA
hFE(1)
VCE=1V, IC=100mA
85
400
DC current gain
hFE(2)
VCE=1V, IC=800mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=800mA, IB=80mA
0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=800mA, IB=80mA
1.2
V
Base-emitter voltage
VBE
VCE=1V, IC=10mA
1
V
Base-emitter positive favor voltage
VBEF
IB=1A
1.55
V
Transition frequency
fT
VCE=10V,IC=50mA,f=30MHz
100
MHz
output capacitance
Cob
VCB=10V,IE=0,f=1MHz
15
pF
CLASSIFICATION OF hFE(1)
Rank
B
C
D
D3
Range
85-160
120-200
160-300
300-400
SOT-89
1. BASE
2. COLLECTOR
3. EMITTER
PXT8050
Rev :
www.leiditech.com
01.06.2018
1/2


Similar Part No. - PXT8050

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
PXT8050 HTSEMI-PXT8050 Datasheet
476Kb / 2P
TRANSISTOR(NPN)
logo
MAKO SEMICONDUCTOR CO.,...
PXT8050 MAKOSEMI-PXT8050 Datasheet
99Kb / 2P
Complimentary to PXT8550
logo
Nanjing International G...
PXT8050 DGNJDZ-PXT8050 Datasheet
1Mb / 2P
SOT-89-3L Plastic-Encapsulate Transistors
logo
GUANGDONG HOTTECH INDUS...
PXT8050 HOTTECH-PXT8050 Datasheet
206Kb / 2P
Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
PXT8050 BILIN-PXT8050 Datasheet
472Kb / 4P
PLASTIC-ENCAPSULATE TRANSISTORS
More results

Similar Description - PXT8050

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com