Electronic Components Datasheet Search
  English  ▼

X  

S8050 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # S8050
Description  High Collector Current
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

S8050 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  S8050 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd S8050 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd S8050 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd S8050 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
High Collector Current.(IC= 500mA).
Complementary To S8550.
Excellent HFE Linearity.
High total power dissipation.(PC=300mW)
APPLICATIONS
High Collector Current.
SOT-23
ORDERING INFORMATION
Type No.
Marking
Package Code
S8050
J3Y
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
25
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
500
mA
PC
Collector Dissipation
300
mW
Tj,Tstg
Junction and Storage Temperature
-55~150
℃
Pb
Lead-free
S8050
Rev :
www.leiditech.com
01.06.2018
1/4


Similar Part No. - S8050

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
S8050 WINGS-S8050 Datasheet
69Kb / 1P
TRANSISTOR (PNP)
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
NPN General Purpose Transistors
logo
Unisonic Technologies
S8050 UTC-S8050 Datasheet
75Kb / 2P
LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
logo
Galaxy Semi-Conductor H...
S8050 BILIN-S8050 Datasheet
228Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Daya Electric Group Co....
S8050 DAYA-S8050 Datasheet
782Kb / 1P
TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - S8050

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SB923 ISC-2SB923 Datasheet
83Kb / 2P
High Collector Current:: IC= -20A
logo
SHIKUES Electronics
BCW66 SKTECHNOLGY-BCW66 Datasheet
489Kb / 2P
High Collector Current
BCW68 SKTECHNOLGY-BCW68 Datasheet
498Kb / 2P
High Collector Current
BCX54 SKTECHNOLGY-BCX54 Datasheet
405Kb / 2P
High Collector Current
BCX55 SKTECHNOLGY-BCX55 Datasheet
405Kb / 2P
High Collector Current
BCP51 SKTECHNOLGY-BCP51 Datasheet
396Kb / 2P
High Collector Current
BCP54 SKTECHNOLGY-BCP54 Datasheet
731Kb / 3P
High Collector Current
BCP56 SKTECHNOLGY-BCP56 Datasheet
669Kb / 3P
High Collector Current
S8050 SKTECHNOLGY-S8050 Datasheet
836Kb / 3P
High Collector Current
logo
Rectron Semiconductor
BCV47 RECTRON-BCV47 Datasheet
118Kb / 2P
High collector current High current gain Complementary
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com