Electronic Components Datasheet Search
  English  ▼

X  

KBJ801 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # KBJ801
Description  Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

KBJ801 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  KBJ801 Datasheet HTML 1Page - First Silicon Co., Ltd KBJ801 Datasheet HTML 2Page - First Silicon Co., Ltd KBJ801 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bridge Rectifiers
Features
● UL recognition, file #E230084
●Thin single in-line package
● High surge current capability
● Solder dip 275 °C max. 7 s, per JESD 22-B106
Typical Applications
General purpose use in AC/DC bridge full wave rectification
for switching power supply, home appliances, office
equipment, industrial automation applications.
Mechanical Data
● Package: 4KBJ
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant
● Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
● Polarity: As marked on body
Maximum Ratings (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
KBJ8005
KBJ801
KBJ802
KBJ804
KBJ806
KBJ808
KBJ810
Device marking code
KBJ8005
KBJ801
KBJ802
KBJ804
KBJ806
KBJ808
KBJ810
Repetitive Peak Reverse Voltage
VRRM
V
50
100
200
400
600
800
1000
Average Rectified Output
Current @
60Hz sine
wave, R-load,
With heatsink
Tc =110℃
IO
A
8.0
Without heatsink
Ta =25℃
3.2
Surge(non-repetitive)forward current
@60Hz half-sine wave, 1 cycle, Tj=25℃
IFSM
A
175
Current squared time
@1ms
≤t≤8.3ms Tj=25℃,rating of per diode
I
2t
A
2S
127
Storage Temperature
Tstg
℃
-55 ~+150
Junction Temperature
Tj
℃
-55 ~+150
Dielectric strength
@ terminals to case, AC 1 minute
Vdis
KV
2
Mounting torque
@recommend torque:5kg·cm
Tor
kg·cm
8
Electrical Characteristics(Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL UNIT
TEST
CONDITIONS
KBJ8005
KBJ801
KBJ802
KBJ804
KBJ806
KBJ808
KBJ810
Maximum instantaneous forward
voltage drop per diode
VF
V
IFM=4.0A
1.00
Maximum DC reverse current at
rated DC blocking voltage per diode
IRRM
μA
VRM=VRRM
5
+
~
~
-
SEMICONDUCTOR
TECHNICAL DATA
KBJ8005~KBJ810
2020. 05. 29
1/3
Revision No : 0


Similar Part No. - KBJ801

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
KBJ801 UNIOHM-KBJ801 Datasheet
66Kb / 2P
SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
RFE international
KBJ801 RFE-KBJ801 Datasheet
341Kb / 2P
BRIDGE RECTIFIERS 3.0 to 6.0 Amps
logo
Shenzhen Luguang Electr...
KBJ801 LUGUANG-KBJ801 Datasheet
142Kb / 2P
Silicon Bridge Rectifiers
logo
Goodwork Semiconductor ...
KBJ801 GWSEMI-KBJ801 Datasheet
67Kb / 2P
SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
Chongqing Pingwei Enter...
KBJ801 CHONGQING-KBJ801 Datasheet
203Kb / 2P
SINGLE PHASE8.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - KBJ801

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
Bridge Rectifiers
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Semikron International
CS10S SEMIKRON-CS10S Datasheet
200Kb / 2P
Bridge rectifiers
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
Bridge Rectifiers
DF005S FAIRCHILD-DF005S_10 Datasheet
121Kb / 3P
Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
Bridge Rectifiers
logo
Dongguan City Niuhang E...
KBL4005 NIUHANG-KBL4005 Datasheet
4Mb / 5P
BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
GBJ35005 JUXING-GBJ35005 Datasheet
950Kb / 2P
BRIDGE RECTIFIERS
GBU6005G JUXING-GBU6005G Datasheet
1Mb / 2P
BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com