Electronic Components Datasheet Search
  English  ▼

X  

KBJ1501 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # KBJ1501
Description  Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

KBJ1501 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  KBJ1501 Datasheet HTML 1Page - First Silicon Co., Ltd KBJ1501 Datasheet HTML 2Page - First Silicon Co., Ltd KBJ1501 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SEMICONDUCTOR
TECHNICAL DATA
KBJ15005 ~ KBJ1510
2018 04 15
1/3
Revision No : 0
Bridge Rectifiers
Features
●UL recognition, file #E230084
● Thin single in-line package
● High surge current capability
● Solder dip 275 °C max. 7 s, per JESD 22-B106
Typical Applications
General purpose use in AC/DC bridge full wave rectification
for switching power supply, home appliances, office
equipment, industrial automation applications.
Mechanical Data
●Package: 4KBJ
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant
●Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
●Polarity: As marked on body
■ Maximum Ratings (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
KBJ15005
KBJ1501 KBJ1502
KBJ1504
KBJ1506 KBJ1508
KBJ1510
Device marking code
KBJ15005
KBJ1501 KBJ1502
KBJ1504
KBJ1506 KBJ1508
KBJ1510
Repetitive Peak Reverse Voltage
VRRM
V
50
100
200
400
600
800
1000
Average Rectified Output
Current @
60Hz sine
wave, R-load,
With heatsink
Tc =110℃
IO
A
15.0
Without heatsink
Ta =25℃
3.6
Surge(non-repetitive)forward current
@60Hz half-sine wave, 1 cycle, Tj=25℃
IFSM
A
220
Current squared time
@1ms≤t≤8.3ms Tj=25
℃,rating of per diode
I
2t
A
2S
201
Storage Temperature
Tstg
℃
-55 ~+150
Junction Temperature
Tj
℃
-55 ~+150
Dielectric strength
@ terminals to case, AC 1 minute
Vdis
KV
2
Mounting torque
@recommend torque:5kg· cm
Tor
kg· cm
8
■ Electrical Characteristics(T
a=25℃ Unless otherwise specified)
PARAMETER
SYMBOL UNIT
TEST
CONDITIONS
KBJ15005 KBJ1501 KBJ1502 KBJ1504 KBJ1506 KBJ1508 KBJ1510
Maximum instantaneous forward
voltage drop per diode
VF
V
IFM=7.5A
1.00
Maximum DC reverse current at
rated DC blocking voltage per diode
IRRM
μA
VRM=VRRM
5
+
~
~
-


Similar Part No. - KBJ1501

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
KBJ1501 PANJIT-KBJ1501 Datasheet
103Kb / 2P
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
RFE international
KBJ1501 RFE-KBJ1501 Datasheet
902Kb / 4P
BRIDGE RECTIFIERS 10 Amps
logo
Microdiode Semiconducto...
KBJ1501 CHENDA-KBJ1501 Datasheet
905Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
KBJ1501 YFWDIODE-KBJ1501 Datasheet
634Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
KBJ1501 SECOS-KBJ1501 Datasheet
312Kb / 2P
Voltage 50V ~ 1000V 15Amp Glass Passivated Bridge Rectifiers
More results

Similar Description - KBJ1501

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
Bridge Rectifiers
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Semikron International
CS10S SEMIKRON-CS10S Datasheet
200Kb / 2P
Bridge rectifiers
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
Bridge Rectifiers
DF005S FAIRCHILD-DF005S_10 Datasheet
121Kb / 3P
Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
Bridge Rectifiers
logo
Dongguan City Niuhang E...
KBL4005 NIUHANG-KBL4005 Datasheet
4Mb / 5P
BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
GBJ35005 JUXING-GBJ35005 Datasheet
950Kb / 2P
BRIDGE RECTIFIERS
GBU6005G JUXING-GBU6005G Datasheet
1Mb / 2P
BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com