Electronic Components Datasheet Search
  English  ▼

X  

RL201 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # RL201
Description  Miniature General Purpose Plastic Rectifiers Reverse Voltage 50V~1000V, Forward Current 2.0AMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

RL201 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  RL201 Datasheet HTML 1Page - First Silicon Co., Ltd RL201 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL DATA
RL201 ~ RL207
2012 01 02
1/2
Revision No : 0
Reverse Voltage 50V~1000V, Forward Current 2.0AMP
Miniature General Purpose Plastic Rectifiers
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
Ratings at 25oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
solvents
. The plastic material carries U/L recognition 94V-O
. High current capability
. Easily cleaned with Freon. Alcohol. Lsopropanol and similar
. Diffused junction
. Low Leakage
. Low forward voltage drop
. Mounting position: Any
. Weight: 0.012 ounce. 0.58grams
. Terminals: Axial leads. Solderable per MIL - STD - 202. Method 208
. Polarity: Color band denotes cathode
. Case: JEDEC DO-15. molded plastic
1000
700
1000
RL207
200
400
140
280
IFSM
RL206
RL202
100
70
400
600
420
600
800
50
SYMBOL
VRRM
I(AV)
2.0
800
560
RL203
RL204
RL205
70
pF
V
V
A
5.0
50.0
V
50
1.0
℃
40
20
Cj
RQJA
55 to 125
℃/W
Storage Temperature Range
55 to 150
NOTE: 1.
Measured at 1.0MHZ and applied reverse voltage of 4.0V DC.
2. Thermal resistance junction to ambient.
℃
TSTG
Peak Forward Surge Current
8.3ms Single half-sine-wave superimposed
on rated Load
Typical Junction Capacitance ( Note 1 )
Maximum Reverse Current
TA = 25℃
at Rated DC Blocking Voltage TA = 100℃
Operating Junction Temperature Range
Maximum Forward Voltage at 2.0A DC
Typical Thermal Resistance ( Note 2 )
Tj
IR
VF
A
A
Maximum DC Blocking Voltage
V
VRMS
VDC
Maximum Average Forward Rectified
Current 9.5mm Lead Length. TA = 50℃
100
200
Maximum RMS Voltage
Maximum Recurrent Peak Reverse Voltage
UNITS
RL201
35


Similar Part No. - RL201

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
RL201 WINGS-RL201 Datasheet
251Kb / 2P
SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Won-Top Electronics
RL201 WTE-RL201 Datasheet
40Kb / 3P
2.0A SILICON RECTIFIER
logo
Zowie Technology Corpor...
RL201 ZOWIE-RL201 Datasheet
44Kb / 2P
SILICON RECTIFIER
logo
Rectron Semiconductor
RL201 RECTRON-RL201 Datasheet
23Kb / 2P
SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
RL201 JGD-RL201 Datasheet
138Kb / 2P
2.0 AMPS. SILICON RECTIFIERS
More results

Similar Description - RL201

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1A7 LRC-1A7_12 Datasheet
189Kb / 7P
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
RL151 LRC-RL151_11 Datasheet
304Kb / 11P
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
RL201 LRC-RL201_11 Datasheet
162Kb / 7P
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
RL251 LRC-RL251_11 Datasheet
458Kb / 7P
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
RL251G LRC-RL251G Datasheet
176Kb / 7P
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
logo
First Silicon Co., Ltd
1A1 FS-1A1 Datasheet
546Kb / 2P
Miniature General Purpose Plastic Rectifiers Reverse Voltage 50V~1000V, Forward Current 1.0AMP
1N5400 FS-1N5400 Datasheet
740Kb / 2P
REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 3.0AMP Rectifiers
ES2AA FS-ES2AA Datasheet
216Kb / 3P
REVERSE VOLTGE 50V~1000V FORWARD CURRENT 2.0AMP SUPER FAST RECOVERY RECTIFIER
US2AA FS-US2AA Datasheet
312Kb / 3P
REVERSE VOLTGE 50V~1000V FORWARD CURRENT 2.0AMP FAST RECOVERY RECTIFIER
SF21 FS-SF21 Datasheet
490Kb / 2P
Super Fast Rectifiers Reverse Voltage 50V~600V, Forward Current 2.0Amp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com