Electronic Components Datasheet Search
  English  ▼

X  

S1A Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # S1A
Description  REVERSE VOLTGE 50V~1000V FORWARD CURRENT 1.0AMP Surface Mount Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

S1A Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  S1A Datasheet HTML 1Page - First Silicon Co., Ltd S1A Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
REVERSE VOLTGE 50V~1000V
FORWARD CURRENT 1.0AMP Surface Mount Rectifiers
MECHANICAL DATA
FEATURES
SEMICONDUCTOR
TECHNICAL DATA
S1A ~ S1M
2012. 03. 15
1/2
Revision No : 0
Peak Forward Surge Current,8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method)
IFSM
30
A
Maximum Instantaneous Forward Voltage (Note@1.0 A
VF
1.1
V
Maximum DC Reverse Crrent @ TA=25℃
At Rated DC Blocking Voltage @ TA=125℃
IR
5.0
50
uA
Typical Thermal Resistance (Note )
R
θJL
R JA
27
75
30
85
℃/W
Operating
J unction Temperature Range
TJ
-55to+150
℃
Storage Temperature Ranage
TSTG
-55to+150
NOTE:
Measured on P.C. Board with 0.2 x 0.2” (5.0 x 5.0mm) Copper Pad Areas.
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave,60Hz,resistive or inductive load.
For capacitive load,derate current by 20%
Type Number
S 1A
S 1B
S 1D
S 1G
S 1J
S 1K
S 1M
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
@TL=110℃
IF(AV)
1.0
A
Maximum Ratings And Electrical Characteristics
*For surface mounted application
Metal to silicon rectifier,majority carrier conduction
Low forward voltage drop
Easy pick and place
High surge current capability
Plastic materal used carriers Underwr
Laboratory Classification 94V-0
Epitaxial construction
High temperature soldering:
260" /10 seconds at terminals
*
*
*
*
*
*
*
Case: molded plastic
Terminals:Solder plated
Polarity:Indicated by cathode band
Packaging:12mm tape EIA STD RS-481
Weight:0.064gram
*
*
*
*
*
DO-214AC(SMA)
Dimensions in inches and (millimeters)
.071(1.8)
.055(1.4)
.111(2.83)
.102(2.58)
.056(1.41)
.035(.90)
.203(5.15)
.195(4.95)
.103(2.61)
.078(1.99)
5°
5°
.008(.20)
.004(.10)
.161(4.10)
.156(3.95)
℃
θ


Similar Part No. - S1A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S1A PANJIT-S1A Datasheet
74Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
S1A PHILIPS-S1A Datasheet
59Kb / 12P
SMA controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
S1A SURGE-S1A Datasheet
86Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere???
logo
Transys Electronics
S1A TRSYS-S1A Datasheet
145Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Won-Top Electronics
S1A WTE-S1A Datasheet
48Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results

Similar Description - S1A

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
1N4001 FS-1N4001 Datasheet
621Kb / 2P
REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP Rectifiers
1N4001S FS-1N4001S Datasheet
597Kb / 2P
REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP Rectifiers
1N5400 FS-1N5400 Datasheet
740Kb / 2P
REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 3.0AMP Rectifiers
FR101 FS-FR101 Datasheet
463Kb / 3P
FAST RECOVERY RECTIFIER REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP
GL1A FS-GL1A Datasheet
157Kb / 3P
REVERSE VOLTGE 50V~1000V FORWARD CURRENT 1.0AMP SURFACE MOUNT RECTIFIER
GN1A FS-GN1A Datasheet
212Kb / 3P
REVERSE VOLTGE 50V~1000V FORWARD CURRENT 1.0AMP Surface Mount Rectifiers
GN3A FS-GN3A Datasheet
150Kb / 3P
REVERSE VOLTGE 50V~1000V FORWARD CURRENT 3.0AMP Surface Mount Rectifiers
HS1A FS-HS1A Datasheet
193Kb / 2P
REVERSE VOLTGE 50V~1000V FORWARD CURRENT 1.0AMP ULTRA-FAST RECTIFIER
US1A FS-US1A Datasheet
162Kb / 2P
REVERSE VOLTGE 50V~1000V FORWARD CURRENT 1.0AMP ULTRA-FAST RECTIFIER
SF11 FS-SF11 Datasheet
328Kb / 2P
Super Fast Rectifiers Reverse Voltage 50V~1000V, Forward Current 1.0Amp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com