Electronic Components Datasheet Search
  English  ▼

X  

M2DNY Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M2DNY
Description  Super-mini Signal Conditioners Mini-M Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2DNY Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M2DNY Datasheet HTML 1Page - M-System Co.,Ltd. M2DNY Datasheet HTML 2Page - M-System Co.,Ltd. M2DNY Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: M2DNY
M2DNY SPECIFICATIONS
ES-5066 Rev.8 Page 3/3
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
5
9
21.5 (.85)
84 (3.31)
10 (.39)
15 (.59)
6 (.23)
DIN RAIL
35mm wide
[4 (.16)]
8–M3
SCREW
23 (.91)
2–4.2x5
(.17x.20)
MTG HOLE
6 (.24) deep
114 (4.49)
• When mounting, no extra space is needed between units.
4
8
12
14 13
1
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
50Ω
250Ω
U(+)
V(–)
+
–
Isolation
Base Socket
S
Z
Output
Driver
OUTPUT
5
9
12
POWER
13
14
Sq. Root
Extractor
50Ω
250Ω
50Ω
1
8
4
Current
Limiter
+
–
–
INPUT
8
5
+
–
INPUT
1
4
+
+
1
8
4
2-WIRE
TRANSMITTER
–
+
5
+
–
■ When Used as DC Supply
■ When Used as Square Root Extractor
+
+
2-WIRE XMTR
PWR SUPPLY
MONITOR
1 – 5V DC
V
250Ω
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com