Electronic Components Datasheet Search
  English  ▼

X  

2SC3937 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC3937
Description  Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3937 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC3937 Datasheet HTML 1Page - Panasonic Semiconductor 2SC3937 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SC3937
Silicon NPN epitaxial planer type
For UHF band low-noise amplification
s Features
q
Low noise figure NF.
q
High gain.
q
High transition frequency fT.
q
S-Mini type package, allowing downsizing of the equipment and
automatic insertion through the tape packing and the magazine
packing.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Base
2:Emitter
EIAJ:SC–70
3:Collector
S–Mini Type Package
2.1
±0.1
1.25
±0.1
0.425
0.425
1
3
2
0.2
±0.1
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Ratings
15
10
2
80
150
150
–55 ~ +150
Unit
V
V
V
mA
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Forward current transfer ratio
Transition frequency
Collector output capacitance
Noise figure
Maximum unilateral power gain
Foward transfer gain
Symbol
ICBO
IEBO
hFE1
hFE2
fT
Cob
NF
GUM
| S21e |
2
Conditions
VCB = 15V, IE = 0
VEB = 1V, IC = 0
VCE = 8V, IC = 20mA
VCE = 1V, IC = 3mA
VCE = 8V, IC = 20mA, f = 800MHz
VCE = 10V, IE = 0, f = 1MHz
VCE = 8V, IC = 7mA, f = 800MHz
VCE = 8V, IC = 20mA, f = 800MHz
VCE = 8V, IC = 20mA, f = 800MHz
min
50
80
typ
150
6
0.7
1
14
13
max
1
1
300
280
1.2
1.7
Unit
µA
µA
GHz
pF
dB
dB
dB
Marking symbol :
2W


Similar Part No. - 2SC3937

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3930 PANASONIC-2SC3930 Datasheet
52Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
logo
Guangdong Kexin Industr...
2SC3930 KEXIN-2SC3930 Datasheet
45Kb / 1P
Silicon NPN Epitaxial Planar
logo
SeCoS Halbleitertechnol...
2SC3930 SECOS-2SC3930 Datasheet
190Kb / 3P
NPN Silicon Epitaxial Planar Transistor
logo
Shenzhen Jin Yu Semicon...
2SC3930 HTSEMI-2SC3930 Datasheet
845Kb / 3P
TRANSISTOR (NPN)
logo
Galaxy Semi-Conductor H...
2SC3930 BILIN-2SC3930 Datasheet
373Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
More results

Similar Description - 2SC3937

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC2671 PANASONIC-2SC2671 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC3704 PANASONIC-2SC3704 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC3707 PANASONIC-2SC3707 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(For UHF amplification)
2SC3829 PANASONIC-2SC3829 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC3904 PANASONIC-2SC3904 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For 2GHz band low-noise amplification)
2SC4805 PANASONIC-2SC4805 Datasheet
36Kb / 2P
Silicon NPN epitaxial planer type(For 2GHz band low-noise amplification)
2SC4808 PANASONIC-2SC4808 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC4835 PANASONIC-2SC4835 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC4968 PANASONIC-2SC4968 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC5019 PANASONIC-2SC5019 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com