Electronic Components Datasheet Search
  English  ▼

X  

2SC3938 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC3938
Description  Silicon NPN epitaxial planer type(For high speed switching)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3938 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC3938 Datasheet HTML 1Page - Panasonic Semiconductor 2SC3938 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SC3938
Silicon NPN epitaxial planer type
For high speed switching
s Features
q
High-speed switching.
q
Low collector to emitter saturation voltage VCE(sat).
q
S-Mini type package, allowing downsizing of the equipment and
automatic insertion through the tape packing and the magazine
packing.
q
Allowing pair use with 2SA1739.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Base
2:Emitter
EIAJ:SC–70
3:Collector
S–Mini Type Package
2.1
±0.1
1.25
±0.1
0.425
0.425
1
3
2
0.2
±0.1
Symbol
VCBO
VCES
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
40
40
5
300
100
150
150
–55 ~ +150
Unit
V
V
V
mA
mA
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Collector output capacitance
Turn-on time
Turn-off time
Storage time
Symbol
ICBO
IEBO
hFE
*
VCE(sat)
VBE(sat)
fT
Cob
ton
toff
tstg
Conditions
VCB = 40V, IE = 0
VEB = 4V, IC = 0
VCE = 1V, IC = 10mA
IC = 10mA, IB = 1mA
IC = 10mA, IB = 1mA
VCB = 10V, IE = –10mA, f = 200MHz
VCB = 10V, IE = 0, f = 1MHz
Refer to the measurment circuit
min
60
typ
0.17
450
2
17
17
10
max
0.1
0.1
200
0.25
1.0
6
Unit
µA
µA
V
V
MHz
pF
ns
ns
ns
Marking symbol :
2Y
*h
FE Rank classification
Rank
Q
R
hFE
60 ~ 120
90 ~ 200
Marking Symbol
2YQ
2YR


Similar Part No. - 2SC3938

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
2SC3938GQL PANASONICBATTERY-2SC3938GQL Datasheet
291Kb / 4P
Silicon NPN epitaxial planar type
More results

Similar Description - 2SC3938

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC3757 PANASONIC-2SC3757 Datasheet
64Kb / 2P
Silicon NPN epitaxial planer type(For high speed switching)
2SC3811 PANASONIC-2SC3811 Datasheet
41Kb / 2P
Silicon NPN epitaxial planer type(For high speed switching)
2SC4656 PANASONIC-2SC4656 Datasheet
35Kb / 2P
Silicon NPN epitaxial planer type
2SC4691 PANASONIC-2SC4691 Datasheet
42Kb / 2P
Silicon NPN epitaxial planer type(For high speed switching)
2SC4755 PANASONIC-2SC4755 Datasheet
42Kb / 2P
Silicon NPN epitaxial planer type(For high speed switching)
2SC4782 PANASONIC-2SC4782 Datasheet
42Kb / 2P
Silicon NPN epitaxial planer type(For high speed switching)
2SC5580 PANASONIC-2SC5580 Datasheet
43Kb / 1P
Silicon NPN epitaxial planer type(For high-frequency oscillation / switching)
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SD2556 PANASONIC-2SD2556 Datasheet
45Kb / 1P
Silicon NPN epitaxial planer type(For power switching)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com