Electronic Components Datasheet Search
  English  ▼

X  

Z8F1602 Datasheet(PDF) 49 Page - Zilog, Inc.

Part # Z8F1602
Description  Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F1602 Datasheet(HTML) 49 Page - Zilog, Inc.

Back Button Z8F1602 Datasheet HTML 45Page - Zilog, Inc. Z8F1602 Datasheet HTML 46Page - Zilog, Inc. Z8F1602 Datasheet HTML 47Page - Zilog, Inc. Z8F1602 Datasheet HTML 48Page - Zilog, Inc. Z8F1602 Datasheet HTML 49Page - Zilog, Inc. Z8F1602 Datasheet HTML 50Page - Zilog, Inc. Z8F1602 Datasheet HTML 51Page - Zilog, Inc. Z8F1602 Datasheet HTML 52Page - Zilog, Inc. Z8F1602 Datasheet HTML 53Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 246 page
background image
Z8F640x/Z8F480x/Z8F320x/Z8F240x/Z8F160x
Z8 Encore!®
PS017610-0404
Low-Power Modes
31
Low-Power Modes
Overview
The Z8F640x family products contain power-saving features. The highest level of power
reduction is provided by Stop mode. The next level of power reduction is provided by the
Halt mode.
Stop Mode
Execution of the eZ8 CPU’s STOP instruction places the Z8F640x family device into Stop
mode. In Stop mode, the operating characteristics are:
•
Primary crystal oscillator is stopped
•
System clock is stopped
•
eZ8 CPU is stopped
•
Program counter (PC) stops incrementing
•
Watch-Dog Timer’s internal RC oscillator continues to operate
•
If enabled, the Watch-Dog Timer continues to operate
•
All other on-chip peripherals are idle
To minimize current in Stop mode, all GPIO pins that are configured as digital inputs must
be driven to one of the supply rails (VCC or GND). The Z8F640x family device can be
brought out of Stop mode using Stop Mode Recovery. For more information on STOP
Mode Recovery refer to the Reset and Stop Mode Recovery chapter.
Halt Mode
Execution of the eZ8 CPU’s HALT instruction places the Z8F640x family device into Halt
mode. In Halt mode, the operating characteristics are:
•
Primary crystal oscillator is enabled and continues to operate
•
System clock is enabled and continues to operate
•
eZ8 CPU is idle
•
Program counter (PC) stops incrementing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com