Electronic Components Datasheet Search
  English  ▼

X  

Z8F6402 Datasheet(PDF) 14 Page - Zilog, Inc.

Part # Z8F6402
Description  Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F6402 Datasheet(HTML) 14 Page - Zilog, Inc.

Back Button Z8F6402 Datasheet HTML 10Page - Zilog, Inc. Z8F6402 Datasheet HTML 11Page - Zilog, Inc. Z8F6402 Datasheet HTML 12Page - Zilog, Inc. Z8F6402 Datasheet HTML 13Page - Zilog, Inc. Z8F6402 Datasheet HTML 14Page - Zilog, Inc. Z8F6402 Datasheet HTML 15Page - Zilog, Inc. Z8F6402 Datasheet HTML 16Page - Zilog, Inc. Z8F6402 Datasheet HTML 17Page - Zilog, Inc. Z8F6402 Datasheet HTML 18Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 246 page
background image
PS017610-0404
List of Tables
Z8F640x/Z8F480x/Z8F320x/Z8F240x/Z8F160x
Z8 Encore!®
xii
Table 67.
I2C Data Register (I2CDATA) . . . . . . . . . . . . . . . . . . . . 118
Table 68.
I2C Status Register (I2CSTAT) . . . . . . . . . . . . . . . . . . . . 118
Table 69.
I2C Control Register (I2CCTL) . . . . . . . . . . . . . . . . . . . . 119
Table 70.
I2C Baud Rate High Byte Register (I2CBRH) . . . . . . . . 121
Table 71.
I2C Baud Rate Low Byte Register (I2CBRL) . . . . . . . . . 121
Table 72.
DMAx Control Register (DMAxCTL) . . . . . . . . . . . . . . 124
Table 73.
DMAx I/O Address Register (DMAxIO) . . . . . . . . . . . . 126
Table 74.
DMAx Address High Nibble Register (DMAxH) . . . . . . 126
Table 75.
DMAx End Address Low Byte Register (DMAxEND) . 128
Table 76.
DMAx Start/Current Address Low Byte Register
(DMAxSTART) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 128
Table 77.
DMA_ADC Register File Address Example . . . . . . . . . . 129
Table 78.
DMA_ADC Address Register (DMAA_ADDR) . . . . . . 129
Table 79.
DMA_ADC Control Register (DMAACTL) . . . . . . . . . . 130
Table 80.
DMA_ADC Status Register (DMAA_STAT) . . . . . . . . . 131
Table 81.
ADC Control Register (ADCCTL) . . . . . . . . . . . . . . . . . 135
Table 82.
ADC Data High Byte Register (ADCD_H) . . . . . . . . . . . 137
Table 83.
ADC Data Low Bits Register (ADCD_L) . . . . . . . . . . . . 137
Table 84.
Z8F640x family Flash Memory Configurations . . . . . . . 138
Table 85.
Flash Code Protection Using the Option Bits . . . . . . . . . 142
Table 86.
Flash Control Register (FCTL) . . . . . . . . . . . . . . . . . . . . 144
Table 87.
Flash Status Register (FSTAT) . . . . . . . . . . . . . . . . . . . . 145
Table 88.
Flash Page Select Register (FPS) . . . . . . . . . . . . . . . . . . . 146
Table 89.
Flash Frequency High Byte Register (FFREQH) . . . . . . 147
Table 90.
Flash Frequency Low Byte Register (FFREQL) . . . . . . . 147
Table 91.
Option Bits At Program Memory Address 0000H . . . . . 149
Table 92.
Options Bits at Program Memory Address 0001H . . . . . 150
Table 93.
OCD Baud-Rate Limits . . . . . . . . . . . . . . . . . . . . . . . . . . 154
Table 94.
On-Chip Debugger Commands . . . . . . . . . . . . . . . . . . . . 156
Table 95.
OCD Control Register (OCDCTL) . . . . . . . . . . . . . . . . . 161
Table 96.
OCD Status Register (OCDSTAT) . . . . . . . . . . . . . . . . . 162
Table 97.
OCD Watchpoint Control/Address (WPTCTL) . . . . . . . 163
Table 98.
OCD Watchpoint Address (WPTADDR) . . . . . . . . . . . . 164
Table 99.
OCD Watchpoint Data (WPTDATA) . . . . . . . . . . . . . . . 164
Table 100. Recommended Crystal Oscillator Specifications
(20MHz Operation) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com