Electronic Components Datasheet Search
  English  ▼

X  

1163797 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1163797
Description  Patch cable - SPE-T1-CCP-SF/1,0/AWG22/CCP-SF
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1163797 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1163797 Datasheet HTML 1Page - PHOENIX CONTACT 1163797 Datasheet HTML 2Page - PHOENIX CONTACT 1163797 Datasheet HTML 3Page - PHOENIX CONTACT 1163797 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/us/products/1183807
03/30/2021   Page 3 / 4
Patch cable - SPE-T1-CCP-SF/1,0/AWG22/CCP-SF - 1183807
Technical data
Cable
Other resistance
UV resistant
Flame resistance
UL 94 V0
Halogen-free
yes
Resistance to oil
yes
Standards and Regulations
Flame resistance
UL 94 V0
Resistance to oil
yes
Halogen-free
yes
Other resistance
UV resistant
Flammability rating according to UL 94
V0
Standards/regulations
IEC 63171
IEC 63171-2
IEEE 802.3bu
IEEE 802.3cg
IEEE 802.3bw
IEEE 802.3bp
Classifications
eCl@ss
eCl@ss 10.0.1
27440390
eCl@ss 11.0
27440392
eCl@ss 9.0
27440390
Accessories
Accessories
Female insert
SPE PCB connector - SPE-T1-STRM-90 - 1163797
SPE PCB connector, type: IEC 63171-2, degree of protection: IP20, number of positions: 2, CAT B (ISO/IEC 63171),
connection method: THR solder connection, Single Pair Ethernet
 
 



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com