Electronic Components Datasheet Search
  English  ▼

X  

1163797 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1163797
Description  Patch cable - SPE-T1-CCP-SF/2,0/AWG22/CCP-SF
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1163797 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1163797 Datasheet HTML 1Page - PHOENIX CONTACT 1163797 Datasheet HTML 2Page - PHOENIX CONTACT 1163797 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1183808
03/30/2021   Page 1 / 3
Patch cable - SPE-T1-CCP-SF/2,0/AWG22/CCP-SF - 1183808
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Patch cable, type: IEC 63171-2, degree of protection: IP20, cable length: 2 m, number of positions: 2, 1 Gbps,
connection method: Crimp connection, connection cross section: AWG 22- 22, Single Pair Ethernet
Your advantages
 Compact design
 Connectors in accordance with IEC 63171-2
 Mechanical interlock with locking clip
 Robust industrial design
 360° shielding
 Data transmission up to 600 MHz
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4063151222352
Custom tariff number
85444290
Country of origin
Germany
Technical data
Dimensions
Length of cable
2.00 m
Width
7.53 mm
Height
14 mm
Ambient conditions


Similar Part No. - 1163797

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1163797 PHOENIX-1163797 Datasheet
199Kb / 4P
SPE PCB connector - SPE-T1-STRM-90
1163797 PHOENIX-1163797 Datasheet
201Kb / 4P
Patch cable - SPE-T1-CCP-SF/1,0/AWG22/CCP-SF
1163797 PHOENIX-1163797 Datasheet
201Kb / 4P
Patch cable - SPE-T1-CCP-SF/3,0/AWG22/CCP-SF
1163797 PHOENIX-1163797 Datasheet
201Kb / 4P
Patch cable - SPE-T1-CCP-SF/5,0/AWG22/CCP-SF
More results

Similar Description - 1163797

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1183807 PHOENIX-1183807 Datasheet
201Kb / 4P
Patch cable - SPE-T1-CCP-SF/1,0/AWG22/CCP-SF
1183810 PHOENIX-1183810 Datasheet
201Kb / 4P
Patch cable - SPE-T1-CCP-SF/3,0/AWG22/CCP-SF
1183811 PHOENIX-1183811 Datasheet
201Kb / 4P
Patch cable - SPE-T1-CCP-SF/5,0/AWG22/CCP-SF
1364626 PHOENIX-1364626 Datasheet
421Kb / 8P
Network cable - SPE-T1-M12MS/ 2,0-97B/M12FS
Nov 16, 2022
1364629 PHOENIX-1364629 Datasheet
349Kb / 7P
Network cable - SPE-T1-M12MS/ 2,0-97B/M12MS
Nov 16, 2022
1478365 PHOENIX-1478365 Datasheet
350Kb / 7P
Network cable - SPE-T1-M12MS/ 2,0-99B
Nov 16, 2022
1478369 PHOENIX-1478369 Datasheet
350Kb / 7P
Network cable - SPE-T1- 2,0-99B/M12FS
Nov 16, 2022
1364631 PHOENIX-1364631 Datasheet
349Kb / 7P
Network cable - SPE-T1-M12FS/ 2,0-97B/M12FS
Nov 16, 2022
1343953 PHOENIX-1343953 Datasheet
233Kb / 7P
Connector - SPE-T1-CIM-SF
1217530 PHOENIX-1217530 Datasheet
345Kb / 8P
SPE-T1-M8FSF/2,0-97B/M8FSF - Network cable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com