Electronic Components Datasheet Search
  English  ▼

X  

1163798 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1163798
Description  Patch cable - SPE-T1-CCP-SF/3,0/AWG22/CCP-SF
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1163798 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1163798 Datasheet HTML 1Page - PHOENIX CONTACT 1163798 Datasheet HTML 2Page - PHOENIX CONTACT 1163798 Datasheet HTML 3Page - PHOENIX CONTACT 1163798 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1183810
03/30/2021   Page 1 / 4
Patch cable - SPE-T1-CCP-SF/3,0/AWG22/CCP-SF - 1183810
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Patch cable, type: IEC 63171-2, degree of protection: IP20, cable length: 3 m, number of positions: 2, 1 Gbps,
connection method: Crimp connection, connection cross section: AWG 22- 22, Single Pair Ethernet
Your advantages
 Compact design
 Connectors in accordance with IEC 63171-2
 Mechanical interlock with locking clip
 Robust industrial design
 360° shielding
 Data transmission up to 600 MHz
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4063151221348
Weight per Piece (excluding packing)
140.000 g
Custom tariff number
85444290
Country of origin
Germany
Technical data
Dimensions
Length of cable
3.00 m
Width
7.53 mm
Height
14 mm


Similar Part No. - 1163798

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1163798 PHOENIX-1163798 Datasheet
284Kb / 4P
SPE PCB connector - SPE-T1-STSM-180
1163798 PHOENIX-1163798 Datasheet
201Kb / 4P
Patch cable - SPE-T1-CCP-SF/1,0/AWG22/CCP-SF
1163798 PHOENIX-1163798 Datasheet
198Kb / 3P
Patch cable - SPE-T1-CCP-SF/2,0/AWG22/CCP-SF
1163798 PHOENIX-1163798 Datasheet
201Kb / 4P
Patch cable - SPE-T1-CCP-SF/5,0/AWG22/CCP-SF
More results

Similar Description - 1163798

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1183807 PHOENIX-1183807 Datasheet
201Kb / 4P
Patch cable - SPE-T1-CCP-SF/1,0/AWG22/CCP-SF
1183808 PHOENIX-1183808 Datasheet
198Kb / 3P
Patch cable - SPE-T1-CCP-SF/2,0/AWG22/CCP-SF
1183811 PHOENIX-1183811 Datasheet
201Kb / 4P
Patch cable - SPE-T1-CCP-SF/5,0/AWG22/CCP-SF
1343953 PHOENIX-1343953 Datasheet
233Kb / 7P
Connector - SPE-T1-CIM-SF
1605602 PHOENIX-1605602 Datasheet
636Kb / 17P
SF-7ES1N8A80DU - Cable connector
1605545 PHOENIX-1605545 Datasheet
587Kb / 16P
SF-5ES1N8A8LB2 - Cable connector
1605529 PHOENIX-1605529 Datasheet
572Kb / 15P
SF-5ES1N8A80A3 - Cable connector
1605543 PHOENIX-1605543 Datasheet
587Kb / 16P
SF-5ES1N8A8LB1 - Cable connector
1605553 PHOENIX-1605553 Datasheet
546Kb / 13P
SF-5ES1N8AR4DU - Cable connector
1618202 PHOENIX-1618202 Datasheet
621Kb / 16P
SF-5ES1N8A8LDLS - Cable connector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com