Electronic Components Datasheet Search
  English  ▼

X  

1163798 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1163798
Description  Patch cable - SPE-T1-CCP-SF/5,0/AWG22/CCP-SF
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1163798 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1163798 Datasheet HTML 1Page - PHOENIX CONTACT 1163798 Datasheet HTML 2Page - PHOENIX CONTACT 1163798 Datasheet HTML 3Page - PHOENIX CONTACT 1163798 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/us/products/1183811
03/30/2021   Page 2 / 4
Patch cable - SPE-T1-CCP-SF/5,0/AWG22/CCP-SF - 1183811
Technical data
Ambient conditions
Degree of protection
IP20
Ambient temperature (operation)
-40 °C ... 85 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
General data
Number of positions
2
Overvoltage category
I
Degree of pollution
2
Locking type
Locking clip
Rated voltage (III/2)
72 V DC
Connection method
Crimp connection
Insertion/withdrawal cycles
≥ 750
Contact material
Cu alloy
Contact carrier material
LCP
Contact surface material
Au
Number of slots
2
Rated current
4 A
Number of positions
2
Connection cross section AWG
22 ... 22
Transmission speed
1 Gbps ()
100 Mbps ()
10 Mbps ()
Cable
Cable type
PVC black
Cable structure
1x2xAWG22/7
Conductor cross section
0.33 mm²
Core diameter including insulation
1.65 mm ±0.1 mm
Wire colors
blue, white
Shielding
Plastic-coated aluminum foil, tinned copper braided shield
External cable diameter D
5.1 mm ±0.20 mm
Outer sheath, material
PVC
Material conductor insulation
PE
Insulation resistance
min. 5 GΩ*km
Conductor resistance
59.4 Ω/km (20 °C)
Test voltage, cable
300 V (AWM style 2095)
Test voltage Core/Core
1000 V DC
Test voltage Core/Shield
2250 V DC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com