Electronic Components Datasheet Search
  English  ▼

X  

3TAW Datasheet(PDF) 1 Page - GAPTEC Electronic GmbH & Co. KG

Part # 3TAW
Description  3W - Single Output - Wide Input - Isolated & Regulated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

3TAW Datasheet(HTML) 1 Page - GAPTEC Electronic GmbH & Co. KG

  3TAW Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 3TAW Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 3TAW Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 3TAW Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 1 of 4
3TAW – Rev. 2012-1.0
Specifications subject to change without notice.
3W SMD Package
2:1 Wide input voltage range:
9-18V, 18-36V, 36-75V
1.5kVDC Input/Output
Isolation
Short circuit protection (SCP)
(automatic recovery)
Operating temperature:
-40°C ~ +71°C
100% burned in
High efficiency
UL94-V0 package material
RoHS Compliance
Custom solutions available
3 years warranty
3TAW Series
DC-DC Converter
3 Watt
The 3TAW series offers 3W of output, with 2:1 wide input voltage of
9-18VDC, 18-36VDC, 36-75VDC, and features 1500VDC isolation,
over current, over voltage and short-circuit protection.
All models are particularly suited to industrial, tele-communications,
test equipments power.
3W - Single Output - Wide Input - Isolated & Regulated
DC-DC Converter
Model selection:
WCTV_xxyyN##
W= Watt; C=Case; T= Type; V= Voltage Variation (omitted ± 10%);
xx= Vin; yy= Vout; N= Numbers of Output; ##= Isolation (kVDC)
Example:
3TAW_2415S1.5
3= 3Watt; T= SMD; A=series; W= wide input (2:1) 18-36Vin; 15Vout;
S= single output; 1.5=1500VDC
Common specifications
Short circuit protection:
Continous, automatic recovery
Cooling:
Free air convection
Operation temperature range:
-40°C~+71°C
Storage temperature range:
-55°C~+125°C
Maximum case temperature:
95°C
Conducted emissions:
EN55022 Class B
Radiated emissions:
EN55022 Class B
Switching frequency:
50kHz MIN, Nominal input, 100% load
Storage humidity range:
5% MIN, 95% MAX
Case material:
Five-side shielded case
Case size:
31.8mm*20.3mm*11.4mm
Potting material:
Non potting
MTBF (MIL-HDBK-217F @25°C):
>900,000 hours
Weight:
17.5g
Note:
1. Only typical model listed. Non-standard models will be different from the above,
please contact us for more details.
2. All specifications are measured at TA=25°C, humidity<75%, nominal input
voltage and rated output load unless otherwise specified.
3. In this datasheet, all the test methods of indications are based on corporate
standards.
Isolation specifications
Item
Test condition
Min
Typ
Max
Units
Isolation voltage
Tested for 10 sec.
1500
VDC
Isolation resistance
Test at 500VDC
109
Ω
Isolation capacitance
40
pF
Input specifications
Item
Test condition
Min
Typ
Max
Units
Input filter
PI
Protection
Fuse recommended
RoHS
Output specifications
Item
Test condition
Min
Typ
Max
Units
Output voltage
accuracy
Nominal Vin and full
load
±2
%
Line regulation
High line to low line
±1
%
Load regulation
From 20% to 100%
load
±0.5
%
Minimum load
20
%
Temperature
coefficient
Refer to recommended
circuit
±0.05
%/°C
Ripple & Noise
20MHz Bandwidth
100
mVp-p
Transient response
25% load step change
200
us
Over load
protection
Input voltage range
110
180
%


Similar Part No. - 3TAW

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
3TA019BL YHDC-3TA019BL Datasheet
587Kb / 1P
Three-phase current transformer
3TA020BL YHDC-3TA020BL Datasheet
621Kb / 1P
Three-phase current transformer
3TA030BL YHDC-3TA030BL Datasheet
617Kb / 1P
Three-phase current transformer
3TA040BL YHDC-3TA040BL Datasheet
590Kb / 1P
Three-phase current transformer
logo
Sirectifier Semiconduct...
3TA100GK03NB SIRECTIFIER-3TA100GK03NB Datasheet
853Kb / 3P
Three Phase Half Bridge
More results

Similar Description - 3TAW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WRAP-3W ETC-WRAP-3W Datasheet
87Kb / 2P
WIDE INPUT ISOLATED & REGULATED 3W OUTPUT
logo
GAPTEC Electronic GmbH ...
3DAW GAPTEC-3DAW Datasheet
1Mb / 5P
3W - Dual/Single Output - Wide Input - Isolated & Regulated
3DAW-2 GAPTEC-3DAW-2 Datasheet
1Mb / 4P
3W - Dual/Single Output - Ultra Wide Input - Isolated & Regulated
3DAW-3 GAPTEC-3DAW-3 Datasheet
1Mb / 5P
3W - Single/Dual Output - Wide Input - Isolated & Regulated
3DAW4 GAPTEC-3DAW4 Datasheet
1Mb / 5P
3W - Single Output - Wide Input - Isolated & Regulated
3S8W GAPTEC-3S8W Datasheet
1Mb / 6P
3W - Dual/Single Output - Wide Input - Isolated & Regulated
3S8W-1.6RP GAPTEC-3S8W-1.6RP Datasheet
946Kb / 4P
3W - Dual/Single Output - Wide Input - Isolated & Regulated
3S8W-2RP GAPTEC-3S8W-2RP Datasheet
893Kb / 3P
3W - Dual/Single Output - Wide Input - Isolated & Regulated
3S8W-3RP GAPTEC-3S8W-3RP Datasheet
1Mb / 6P
3W - Dual/Single Output - Wide Input - Isolated & Regulated
3S8W4 GAPTEC-3S8W4 Datasheet
872Kb / 3P
3W - Dual/Single Output - Wide Input - Isolated & Regulated
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com