Electronic Components Datasheet Search
  English  ▼

X  

5DAW Datasheet(PDF) 2 Page - GAPTEC Electronic GmbH & Co. KG

Part # 5DAW
Description  5W - Dual/Single Output - Ultra Wide Input - Isolated & Regulated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

5DAW Datasheet(HTML) 2 Page - GAPTEC Electronic GmbH & Co. KG

  5DAW Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 5DAW Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 5DAW Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 5DAW Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 2 of 4
5DAW_2 – Rev. 2017-1.2
Specifications subject to change without notice.
5DAW_2 Series
5W - Dual/Single Output - Wide Input - Isolated & Regulated
DC-DC Converter
Part Number
Input Voltage [V]
Output Voltage [VDC]
Output Current [mA, max]
Efficiency [%, typ]
Max. Capacative Load [µF]
5DAW_xx03SX
4.5-9, 9-18, 18-36, 36-75
3.3
1200
79-81
1000
5DAW_xx05SX
4.5-9, 9-18, 18-36, 36-75
5
1000
82-84
1000
5DAW_xx09SX
4.5-9, 9-18, 18-36, 36-75
9
556
82-86
680
5DAW_xx12SX
4.5-9, 9-18, 18-36, 36-75
12
420
84-87
470
5DAW_xx15SX
4.5-9, 9-18, 18-36, 36-75
15
333
85-87
330
5DAW_xx05DX
4.5-9, 9-18, 18-36, 36-75
±5
±500
81-84
±470
5DAW_xx12DX
4.5-9, 9-18, 18-36, 36-75
±12
±210
84-87
±100
5DAW_xx15DX
4.5-9, 9-18, 18-36, 36-75
±15
±167
85-87
±47
• X=2=2KVDC, X=4=4KVDC, X=6=6KVDC
• xx=Input Voltage (possible for other input and output voltage combinations on request)
Vin=4.5-9V, xx=05
Vin=9-18V, xx=12
Vin=18-36V, xx=24
Vin=36-75V, xx=48
• For B or C Pinning: 5DBW_xx03SX or 5DCW_xx03SX
Mechanical dimensions/footprint
A Pinning
Note:
XX.X ± 0.25 mm
XX.XX ± 0.15 mm
Note:
XX.X ± 0.25 mm
XX.XX ± 0.15 mm
B Pinning



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com