Electronic Components Datasheet Search
  English  ▼

X  

SK12 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # SK12
Description  VOLTAGE 20V ~ 60V 1.0AMP Surface Mount Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SK12 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  SK12 Datasheet HTML 1Page - First Silicon Co., Ltd SK12 Datasheet HTML 2Page - First Silicon Co., Ltd SK12 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Package Dimensions in inches and (millmeters)
Min.
Max.
Min.
Max.
A
0.095
0.104
2.40
2.65
B
0.050
0.064
1.27
1.63
C
0.189
0.205
4.8
5.2
D
0.075
0.089
1.9
2.25
E
0.031
0.059
0.8
1.5
inches
mm
Dimensions
Note:
DO-214AC
molded plastic case
The marking band indicates the
cathode
Package outline
SK12 ~ SK16
2009. 05. 28
3/3
Revision No : 0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com