Electronic Components Datasheet Search
  English  ▼

X  

SK27 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # SK27
Description  VOLTAGE 70V ~ 100V 2.0AMP Surface Mount Low VF Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SK27 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  SK27 Datasheet HTML 1Page - First Silicon Co., Ltd SK27 Datasheet HTML 2Page - First Silicon Co., Ltd SK27 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Package Dimensions in inches and (millmeters)
Min.
Max.
Min.
Max.
A
0.137
0.147
3.48
3.73
B
0.760
0.820
1.93
2.08
C
0.207
0.215
5.28
5.46
D
0.78
1.030
1.99
2.61
E
0.35
0.56
0.90
1.41
inches
mm
Dimensions
Note:
DO-214AA
molded plastic case
The marking band indicates the
cathode
Package outline
SK22 ~ SK26
2010. 6. 07
3/3
Revision No : 0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com