Electronic Components Datasheet Search
  English  ▼

X  

SK32 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # SK32
Description  VOLTAGE 20V ~ 60V 3.0AMP Surface Mount Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SK32 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  SK32 Datasheet HTML 1Page - First Silicon Co., Ltd SK32 Datasheet HTML 2Page - First Silicon Co., Ltd SK32 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PACKAGE DIMENSIONS
SMC
DIM
A
MIN
NOM
MAX
MIN
MILLIMETERS
2.00
2.31
2.62
0 079
INCHES
A1
0.05
0.10
0.15
0.002
b
2.92
3 00
3 07
0.115
c
0.15
0 23
0 30
0.006
D
5.59
5 90
6 22
0.220
E
6.60
6 86
7.11
0.260
L
0.76
1.14
1.52
0 030
0.086
0.103
0.004
0.006
0.118
0.121
0.009
0.012
0.230
0.240
0.270
0.280
0.040
0.050
NOM
MAX
7.75
7 94
8.13
0.305
0.313
0.320
HE
E
b
D
c
L1
L
A1
A
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. D DIMENSION SHALL BE MEASURED WITHIN DIMENSION P.
4. 403−01 THRU −02 OBSOLETE, NEW STANDARD 403−03.
HE
0.020 REF
0 51 REF
L1
4.343
0.171
3.810
0.150
2.794
0.110
mm
inches
SCALE 4:1
SOLDERING FOOTPRINT*
2009. 05. 28
3/3
Revision No : 0
SK32 ~ SK36



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com