Electronic Components Datasheet Search
  English  ▼

X  

SK32B Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # SK32B
Description  Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SK32B Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  SK32B Datasheet HTML 1Page - First Silicon Co., Ltd SK32B Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL DATA
SK32B thru SK310B
2011. 9. 15
1/2
Revision No : 0
Schottky Rectifier
■ Features
■ Outline Dimensions and Mark
●I
o
3.0A
●V
RRM
20V-100V
● High surge current capability
● Cases: Molded plastic
■ Applications
● Rectifier
■ Limiting Values (Absolute Maximum Rating)
SK3
Item
Symbol
Unit
Test Conditions
2B
3B
4B
5B
6B
9B
10B
Repetitive Peak Reverse Voltage
VRRM
V
20
30
40
50
60
90
100
Average Forward Current
IF(AV)
A
60HZ Half-sine wave, Resistance
load, TL(Fig.1)
3.0
Surge(Non-repetitive)Forward
Current
IFSM
A
60Hz Half-sine wave ,1 cycle ,
Ta =25℃
100
Junction
Temperature
TJ
℃
-55~+125
-55~+150
Storage Temperature
TSTG
℃
-55 ~ +150
■ Electrical Characteristics (Ta=25 Unless otherwise specified
SK3
Item
Symbol
Unit
Test Condition
2B
3B
4B
5B
6B
9B
10B
Peak Forward Voltage
V
F
V
I
F =3.0A
0.50
0.70
0.85
I
RRM1
Ta =25℃
0.5
0.1
Peak Reverse Current
I
RRM2
mA
VRM=VRRM
Ta =100℃
10
5.0
RθJ-A
Between junction and ambient
55
1)
Thermal
Resistance(Typical)
RθJ-L
/W
℃
Between junction and terminal
17
1)
Notes:
1) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.6" x 0.6" (16 mm x 16 mm) copper
pad areas


Similar Part No. - SK32B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK32B MCC-SK32B Datasheet
622Kb / 3P
3 Amp Schottky Rectifier 20 to 100 Volts
logo
Taiwan Semiconductor Co...
SK32B TSC-SK32B Datasheet
56Kb / 2P
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK32B TSC-SK32B Datasheet
258Kb / 2P
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Galaxy Semi-Conductor H...
SK32B BILIN-SK32B Datasheet
95Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SK32B PACELEADER-SK32B Datasheet
326Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SK32B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com