Electronic Components Datasheet Search
  English  ▼

X  

SK32F Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # SK32F
Description  3A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 20 to 200 Volts, Forward Current 3.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SK32F Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  SK32F Datasheet HTML 1Page - First Silicon Co., Ltd SK32F Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3A SCHOTTKY BARRIER RECTIFIER
Reverse Voltage 20 to 200 Volts, Forward Current 3.0 Amperes
Features
● Metal silicon junction, majority carrier conduction
● Guardring for overvoltage protection
● Low power loss, high efficiency
● High current capability, low forward voltage drop
● High surge capability
● High temperature soldering guaranteed:
250
℃/10 seconds at terminals
● Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
● For use in low voltage, high frequency inverters,
free wheeling, and polarity protection application
Mechanical Data
● Case: SMA-FL molded plastic body
● Terminals: Plated axial leads,
solderable per MIL-STD-750, method 2026
● Polarity: Color band denotes cathode end
● Mounting Position: Any
● Weight: 0.0027 grams (approximate)
Maximum Ratings and Electrical Characteristics
Ratings at 25
℃ ambient temperature unless otherwise specified.
PARAMETER
SYMBOL
SK
32F
SK
33F
SK
34F
SK
35F
SK
36F
SK
38F
SK
310F
SK
315F
SK
320F
UNITS
Maximum repetitive peak reverse voltage
V RRM
30
40
50
60
80
100
150
200
V
Maximum RMS voltage
V RMS
21
28
35
42
56
70
105
140
V
Maximum DC blocking voltage
V DC
30
40
50
60
80
100
150
200
V
Average Rectified Output Current
0.375″ (9.5mm) lead length
I o
3.0
A
Peak forward surge current, 8.3 mS single half sine-wave
superimposed on rated load
I FSM
70.0
A
Maximum instantaneous forward voltage at Io
F
V
Maximum DC reverse current
@ TA = 25
℃
at rated DC blocking voltage
@ TA = 100
℃
I
R
0.5
5.0
0.3
3.0
mA
C
J
300
RθJA
70.0
℃/W
T
J
℃
TSTG
Notes: 1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
2. P.C.B. mounted with 0.2×0.2”(5.0×5.0 mm) copper pad areas
Typical junction capacitance (Note 1)
Typical thermal resistance (Note 2)
Operating junction temperature range
Storage temperature range
V
20
14
20
0.55
0.70
0.85
0.95
-55 to +150
-55 to +150
pF
℃
SEMICONDUCTOR
TECHNICAL DATA
SK32F~SK320F
2018. 05. 23
1/2
Revision No : 0


Similar Part No. - SK32F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SK32F ETC2-SK32F Datasheet
526Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK32F CHENDA-SK32F Datasheet
627Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Yixinwei Techn...
SK32F YIXIN-SK32F Datasheet
199Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
SK32F SHUNYE-SK32F Datasheet
507Kb / 3P
SURFACE MOUNT SCHOTTKY BA R RIER RECTIFIER
V2.22
More results

Similar Description - SK32F

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
SR1020 CHENDA-SR1020 Datasheet
334Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SR15200 CHENDA-SR15200 Datasheet
350Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SRF830 CHENDA-SRF830 Datasheet
330Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SRF850 CHENDA-SRF850 Datasheet
330Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SRF870 CHENDA-SRF870 Datasheet
330Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SRF880 CHENDA-SRF880 Datasheet
330Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
logo
Gaomi Xinghe Electronic...
SRF1060 GXELECTRONICS-SRF1060 Datasheet
473Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.Amperes
logo
GOOD-ARK Electronics
SB320 GOOD-ARK-SB320_15 Datasheet
170Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 3.0 Amperes
1N5820 GOOD-ARK-1N5820_15 Datasheet
183Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 20 to 40 Volts Forward Current 3.0 Amperes
logo
First Silicon Co., Ltd
SS12F FS-SS12F Datasheet
306Kb / 2P
1A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 20 to 200 Volts Forward Current 1.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com