Electronic Components Datasheet Search
  English  ▼

X  

SK52 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # SK52
Description  VOLTAGE 20V ~ 100V 5.0AMP Surface Mount Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SK52 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  SK52 Datasheet HTML 1Page - First Silicon Co., Ltd SK52 Datasheet HTML 2Page - First Silicon Co., Ltd SK52 Datasheet HTML 3Page - First Silicon Co., Ltd SK52 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SEMICONDUCTOR
TECHNICAL DATA
SK52 thru SK5B
2011. 9. 15
1/4
Revision No : 0
VOLTAGE 20V ~ 100V
5.0AMP Surface Mount Schottky Barrier Rectifiers
FEATURES
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.21 grams
DO-214AB
SMC
Cathode
Anode
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Low power loss,high efficiency
* For use in low voltage high frequency inverters,
free wheeling,and polarity protection applications
* Guardring for over voltage protection
* High temperature soldering guaranteed:
260°C/10 seconds at terminals
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Ambient.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 5.0A
Maximum DC Reverse Current
Ta=25℃
at Rated DC Blocking Voltage
Ta=100℃
Typical Junction Capacitance (Note1)
Typical Thermal Resistance RJA (Note 2)
A
A
V
mA
pF
5.0
150
0.5
20
8
-50 ~ +150
0.55
0.67
380
SK52
SK53
SK54
SK55
SK56
SK58
SK5B
UNITS
20
30
40
50
60
80
100
V
20
30
40
50
60
80
100
V
14
21
28
35
42
56
70
V
0.
0.79
Operating
Storage Temperature Range TSTG
Temperature Range Tj
℃
℃
℃/W
-65 ~ +150
Rating 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHACTERISTICS


Similar Part No. - SK52

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SK52 PANJIT-SK52 Datasheet
73Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE- 20 to 100 Volts CURRENT- 5.0 Amperes)
logo
Micro Commercial Compon...
SK52 MCC-SK52 Datasheet
93Kb / 3P
5 Amp Schottky Rectifier 20 to 100 Volts
logo
Diotec Semiconductor
SK52 DIOTEC-SK52 Datasheet
54Kb / 2P
Surface Mount Schottky-Rectifiers
SK52 DIOTEC-SK52 Datasheet
100Kb / 2P
Surface Mount Schottky Rectifier Diodes
logo
Won-Top Electronics
SK52 WTE-SK52 Datasheet
45Kb / 4P
5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - SK52

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCD52 SECOS-SCD52 Datasheet
469Kb / 2P
VOLTAGE 20V ~ 100V 5.0 AMP Surface Mount Schottky Barrier Rectifiers
SM320A SECOS-SM320A_12 Datasheet
208Kb / 2P
Voltage 20V ~ 100V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Leshan Radio Company
SM320C LRC-SM320C Datasheet
407Kb / 4P
VOLTAGE 20V ~ 100V 3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
CHENG-YI ELECTRONIC CO....
SK52C CHENG-YI-SK52C Datasheet
287Kb / 2P
5.0AMP Surface Mount Schottky Barrier Rectifiers
logo
E-CMOS Corporation
ECC1020Y E-CMOS-ECC1020Y Datasheet
445Kb / 6P
10.0A Surface Mount Schottky Barrier Rectifiers - 20V-100V
EC7122M E-CMOS-EC7122M Datasheet
418Kb / 2P
2.0A Surface Mount Schottky Barrier Rectifiers - 20V- 100V
logo
PACELEADER INDUSTRIAL
PFM120-S PACELEADER-PFM120-S Datasheet
422Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 100V
PFM320-MT PACELEADER-PFM320-MT Datasheet
388Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 100V
logo
First Silicon Co., Ltd
SK52B FS-SK52B Datasheet
296Kb / 4P
VOLTAGE 20V ~ 100V 5.0AMP Surface Mount Schottky Barrier Rectifiers
SS32A FS-SS32A Datasheet
285Kb / 3P
Voltage 20V ~ 100V , 3.0 Amper Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com