Electronic Components Datasheet Search
  English  ▼

X  

SPD24 Datasheet(PDF) 4 Page - Carlo Gavazzi Holding AG

Part # SPD24
Description   Type SPD 60W Type SPD 60W DIN rail mounting
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPD24 Datasheet(HTML) 4 Page - Carlo Gavazzi Holding AG

  SPD24 Datasheet HTML 1Page - Carlo Gavazzi Holding AG SPD24 Datasheet HTML 2Page - Carlo Gavazzi Holding AG SPD24 Datasheet HTML 3Page - Carlo Gavazzi Holding AG SPD24 Datasheet HTML 4Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications are subject to change without notice. Pictures are just an example. For special features and/or customization, please ask to our sales network. 09/06/15
4
Switching Power Supply
Type SPD 60W
DIN rail mounting
Mechanical Drawings mm (inches)
Installation
Typ. Current Limited Curve
SPD 60W - 24V
230 VAC
115VAC
Typ. Efficiency Curve
Ventilation and cooling
Normal convection
All sides 25mm free space
for cooling is recommended
Connector size range
Spring terminal
AWG24-14 (0.2~2mm
2)
flexible/solid cable, 10mm
stripping at cable and
recommends use copper
conductors only, 60/75°C
Screw terminal
AWG26-12 (0.2~2.5mm
2)
flexible/solid cable, connector
can withstand torque at
max 0,56Nm (5 lbs-in).
4~5 mm stripping at cable
and recommends use copper
conductors only, 60/75°C
Max. torque for terminal
Input terminals
0.56Nm (5.0lb-in)
Output terminals
0.56Nm (5.0lb-in)
General tolerances
mm(in.)
0.00 (0.00) ÷ 30.00 (1.18)
±0.30 (0.01)
30.00 (1.18) ÷ 120.00 (4.72) ±0.50 (0.02)
95
90
85
80
75
70
65
60
55
50
45
40
10
25
50
75
100
Power out (%)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com