Electronic Components Datasheet Search
  English  ▼

X  

LCE2301C Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LCE2301C
Description  P-Channel Enhancement Mode Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LCE2301C Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LCE2301C Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE2301C Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURE
TrenchFET Power MOSFET
APPLICATION
z
Load Switch for Portable Devices
z
DC/DC Converter
Maximum ratings (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
-20
Gate-Source Voltage
VGS
±8
V
Continuous Drain Current (TJ=150
℃)
ID
-2.0
Pulsed Drain Current
IDM
-10
Continuous Source-Drain Diode Current
IS
-0.72
A
Maximum Power Dissipation
PD
0.
35
W
Thermal Resistance from Junction to Ambient(t 5s)
R JA
357
℃/W
Junction Temperature
TJ
150
Storage Temperature
Tstg
-55 ~
+150
℃
θ
≤
MARKING
Equivalent Circuit
V(BR)DSS
RDS(on)MAX
ID
-20 V
 
mΩ@-4.5V 
A
mΩ@-2.5V 
 
SOT-23
1. GATE
2. SOURCE
3. DRAIN
200
290
2.0
A1SHB
LCE2301C
Enhancement Mode Power MOSFET
P-Channel
Rev :
www.leiditech.com
01.06.2018
1/2


Similar Part No. - LCE2301C

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LCE2301 LEIDITECH-LCE2301 Datasheet
1Mb / 6P
LCE P-Channel Enhancement Mode Power MOSFET
LCE2301B LEIDITECH-LCE2301B Datasheet
1Mb / 3P
LCE P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - LCE2301C

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com