Electronic Components Datasheet Search
  English  ▼

X  

2SC3943 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC3943
Description  Silicon NPN epitaxial planar type(For video amplifier)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3943 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC3943 Datasheet HTML 1Page - Panasonic Semiconductor 2SC3943 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Power Transistors
2SC3943
Silicon NPN epitaxial planar type
For video amplifier
s Features
q
Small transition frequency fT
q
Small collector output capacitance Cob
q
Full-pack package which can be installed to the heat sink with
one screw
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCER
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
110
100
50
3.5
300
150
8
2.0
150
–55 to +150
Unit
V
V
V
V
mA
mA
W
˚C
˚C
TC=25°C
Ta=25
°C
Unit: mm
1:Base
2:Collector
3:Emitter
TO–220 Full Pack Package(a)
10.0
±0.2
5.5
±0.2
0.5
+0.2
–0.1
1.4
±0.1
1.3
±0.2
0.8
±0.1
2.54
±0.25
5.08
±0.5
2
13
2.7
±0.2
4.2
±0.2
φ3.1±0.1
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff current
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICEO
VCBO
VCER
VCEO
VEBO
hFE
VCE(sat)
fT1
fT2
Cob
Conditions
VCE = 35V, IB = 0
IC = 100µA, IE = 0
IC = 500µA, RBE = 470Ω
IC = 1mA, IB = 0
IE = 100µA, IC = 0
VCE = 5V, IC = 100mA
IC = 150mA, IB = 15mA
VCE = 10V, IC = 10mA, f = 10MHz
VCE = 10V, IC = 110mA, f = 10MHz
VCB = 30V, IE = 0, f = 1MHz
min
110
100
50
3.5
20
typ
300
350
3.5
max
10
0.5
Unit
µA
V
V
V
V
V
MHz
MHz
pF


Similar Part No. - 2SC3943

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3940 PANASONIC-2SC3940 Datasheet
47Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency output amplification and driver amplification)
2SC3940A PANASONIC-2SC3940A Datasheet
47Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency output amplification and driver amplification)
2SC3941 PANASONIC-2SC3941 Datasheet
46Kb / 3P
Silicon PNP epitaxial planer type
2SC3941 PANASONIC-2SC3941 Datasheet
47Kb / 3P
Silicon NPN triple diffusion planer type(For high breakdown voltage general amplification)
2SC3942 PANASONIC-2SC3942 Datasheet
42Kb / 2P
Silicon NPN triple diffusion planar type(For color TV chroma output)
More results

Similar Description - 2SC3943

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3611 PANASONIC-2SC3611 Datasheet
70Kb / 4P
Silicon NPN epitaxial planar type(For video amplifier)
2001 MAR
2SC4358 PANASONIC-2SC4358 Datasheet
56Kb / 1P
Silicon NPN epitaxial planar type(Video Output)
2SC4543 PANASONIC-2SC4543 Datasheet
36Kb / 2P
Silicon NPN epitaxial planer type(For video amplifier)
2SD1752 PANASONIC-2SD1752 Datasheet
57Kb / 3P
Silicon NPN epitaxial planar type
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SD1645 PANASONIC-2SD1645 Datasheet
104Kb / 2P
SILICON NPN EPITAXIAL PLANAR DARLINGTON TYPE AF AMPLIFIER
2SC5848 PANASONIC-2SC5848 Datasheet
438Kb / 3P
Silicon NPN epitaxial planar type
XN06543 PANASONIC-XN06543 Datasheet
89Kb / 3P
Silicon NPN epitaxial planar type
logo
Toshiba Semiconductor
2SC2347 TOSHIBA-2SC2347_03 Datasheet
150Kb / 4P
Silicon NPN Epitaxial Planar Type
19-Mar-2003
2SC2290A TOSHIBA-2SC2290A_07 Datasheet
192Kb / 4P
SILICON NPN EPITAXIAL PLANAR TYPE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com