Electronic Components Datasheet Search
  English  ▼

X  

2118907-2 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 2118907-2
Description  Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2118907-2 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  2118907-2 Datasheet HTML 1Page - TE Connectivity Ltd 2118907-2 Datasheet HTML 2Page - TE Connectivity Ltd 2118907-2 Datasheet HTML 3Page - TE Connectivity Ltd 2118907-2 Datasheet HTML 4Page - TE Connectivity Ltd 2118907-2 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wi-Fi 6/ 6E TRIPLE BAND
EMBEDDED ANTENNA
Part Numbers: 2118907-1, 2118907-2
2118907-3, 2118907-4, 2118907-5
2118907-6, 2118907-7, 2118907-8
2118907-9
•
Wi-Fi 6, also including WiFi 6E new 6GHz band, Bluetooth, ZigBee
•
Flexible PCB antenna assembly
•
Adhesive backing on the flexible PCB simplifies mounting within the device
•
Global Frequency coverage
•
Different cable length and connector options available
FEATURES & BENEFITS
DATA AND DEVICES /// Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
Frequency Range (MHz)
2400-2500
5150-5875
5925-7125
VSWR
< 1.4:1
< 1.6:1
< 1.9:1
Average Efficiency
82%
73%
66%
Peak Gain
3.3 dBi
3.2 dBi
4.4 dBi
Average Gain
-0.9dBi
-1.4dBi
-1.8dBi
Power Handling
10 Watt cw
Feed Point Impedance
50 ohms unbalanced
Polarization
Linear
Size
29.60 mm x 41.24 mm x 0.34 mm
Weight
< 3.3 g
Mounting
Adhesive Tape
Mating Connector
MHF-type receptacle (TE PN 2337019-1),
MHF4L-type receptacle (TE PN: 2334884-1)
Cable
Coaxial Cable : 1.13mm Dia.
Operating Temperature
-40 to +85
°C
Storage Temperature
-40 to +85
°C
Hazardous Materials
A certificate of conformance is available from the
product page on TE website.
SPECIFICATIONS (Shown as 2118907-1 : Others can vary with different cable lengths.)


Similar Part No. - 2118907-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2118907-2 TEC-2118907-2 Datasheet
153Kb / 1P
PCB Ant, MHF/MHF4L, Wi-Fi 6E Triple
More results

Similar Description - 2118907-2

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10008-SA WPI-WPANT10008-SA Datasheet
233Kb / 5P
Dual-band Wi-Fi Embedded Antenna
logo
TE Connectivity Ltd
2108792-1 TEC-2108792-1 Datasheet
689Kb / 5P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2108857-1 TEC-2108857-1 Datasheet
596Kb / 6P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2108891-1 TEC-2108891-1 Datasheet
755Kb / 6P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2118908-1 TEC-2118908-1 Datasheet
612Kb / 5P
Wi-Fi 6/ 6E TRIPLE BAND ON BOARD ANTENNA
2118909-1 TEC-2118909-1 Datasheet
688Kb / 6P
Wi-Fi 6/ 6E TRIPLE BAND EMBEDDED ANTENNA
2344655-1 TEC-2344655-1 Datasheet
553Kb / 5P
Wi-Fi 6/6E TRIPLE BAND EMBEDDED ANTENNA
2344657-1 TEC-2344657-1 Datasheet
572Kb / 5P
Wi-Fi 6/6E TRIPLE BAND EMBEDDED ANTENNA
C-2108857 TEC-C-2108857 Datasheet
168Kb / 1P
PCB ANTENNA,CABLE,Wi-Fi 6E TRIPLE BAND
logo
AVX Corporation
1000146 AVX-1000146 Datasheet
2Mb / 16P
Wi -Fi 6 & Wi Wi-Fi 6E or CBRS/n78 Stamped Metal Embedded Antenna
8/25/2022 Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com