Electronic Components Datasheet Search
  English  ▼

X  

HCF Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # HCF
Description  Aluminium Housed Braking Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HCF Datasheet(HTML) 1 Page - TE Connectivity Ltd

  HCF Datasheet HTML 1Page - TE Connectivity Ltd HCF Datasheet HTML 2Page - TE Connectivity Ltd HCF Datasheet HTML 3Page - TE Connectivity Ltd HCF Datasheet HTML 4Page - TE Connectivity Ltd HCF Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Aluminium Housed Braking Resistor
1773309-3 Rev. B 06/2020
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Key Features
High Power
overload
capability
Low Profile
–
15mm thick
IP54 ingress
protection
PTFE insulated
Flying Leads
for flexibility
of connection
Type HCF Series
TE Connectivity are pleased to introduce this new wire wound power resistor.
Designed and tested to absorb high power overloads they are ideally suited to
braking applications. In addition, with a thickness of only 15mm they would be
invaluable where space is at a premium.
Characteristics
– Electrical
Feature
Specification
Power Rating
See Performance Specification
Tolerance
±5%, ±10%
Maximum Working Voltage*
1100V
Insulation Resistance
≥1000MΩ @ 1000VDC
Dielectric Strength
3500VAC for 1m Terminal
– Aluminium
Body
TCR
±200ppm/°C
Resistor Element
Wire Wound
Flying Lead
300 mm Standard; PTFE Insulated; 600V;
⁰C
Resistor Body
Anodized extruded Aluminium Profile
Ingress Protection
IP54
Vibration
IEC60068-2-6
*Rated Continuous Working voltage (RCWV) =
√P*R unless this exceeds the
stated Maximum Working Voltage, in which case the lower of the two should
always be used.


Similar Part No. - HCF

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
HCF ALPHAWIRE-HCF Datasheet
164Kb / 2P
M8 Male Front Mount M8 Receptacle
logo
Schurter Inc.
HCF SCHURTER-HCF Datasheet
314Kb / 3P
Solid State, Thin Film, SMD 3220 Fuse for High Current Application
HCF SCHURTER-HCF Datasheet
366Kb / 4P
Solid State, Thin Film, SMD 3220 Fuse for High Current Application
04.01.2022
logo
Hanwha Vision Co., Ltd....
HCF-8011RV HANWHAVISION-HCF-8011RV Datasheet
920Kb / 3P
5MP IR Wisenet HD Outdoor Fisheye Camera
logo
Eaton All Rights Reserv...
HCF1007 EATON-HCF1007 Datasheet
2Mb / 4P
High frequency, high current power inductors
More results

Similar Description - HCF

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
WH5 WELWYN-WH5 Datasheet
71Kb / 3P
Aluminium Housed Wirewound Resistors
WH5 WELWYN-WH5 Datasheet
862Kb / 4P
Aluminium Housed Wirewound Resistors
WH5 WELWYN-WH5_12 Datasheet
2Mb / 4P
Aluminium Housed Wirewound Resistors
logo
Tyco Electronics
3-1630019-6 MACOM-3-1630019-6 Datasheet
175Kb / 4P
Aluminium Housed Power Resistors
THS10270RJ MACOM-THS10270RJ Datasheet
120Kb / 3P
Aluminium Housed Power Resistors
THS5047RJ MACOM-THS5047RJ Datasheet
120Kb / 3P
Aluminium Housed Power Resistors
THS25R82J MACOM-THS25R82J Datasheet
120Kb / 3P
Aluminium Housed Power Resistors
THS25R01J MACOM-THS25R01J Datasheet
120Kb / 3P
Aluminium Housed Power Resistors
logo
TE Connectivity Ltd
HSA50 TEC-HSA50 Datasheet
180Kb / 4P
Aluminium Housed Power Resistors
1773035 TEC-1773035 Datasheet
180Kb / 4P
Aluminium Housed Power Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com