Electronic Components Datasheet Search
  English  ▼

X  

HIRF730 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HIRF730
Description  N-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HIRF730 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HIRF730 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HIRF730 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HIRF730 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HIRF730 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : MOS200406
Issued Date : 2004.10.01
Revised Date : 2005.04.22
Page No. : 1/4
HIRF730, HIRF730F
HSMC Product Specification
HIRF730 / HIRF730F
N-CHANNEL POWER MOSFET
Description
Third Generation HEXFETs from international Rectifier provide the
designer with the best combination of fast switching, ruggedized device
design, low on-resistance and cost-effectiveness.
Features
• Dynamic dv/dt Rating
• Repetitive Avalanche Rated
• Fast Switching
• Ease of Paralleling
• Simple Drive Requirements
Thermal Characteristics
Symbol
Parameter
Value
Units
TO-220AB
1.71
R
θ
JC
Thermal Resistance
Junction to Case Max.
TO-220FP
3.3
°C/W
R
θ
JA
Thermal Resistance
Junction to Ambient Max.
62
°C/W
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
V
DSS
Drain-Source Voltage
400
V
I
D
Drain to Current (Continuous)
5.5
A
I
DM
Drain to Current (Pulsed) (*1)
22
A
V
GS
Gate-to-Source Voltage (Continue)
±20
V
Total Power Dissipation
TO-220AB
TO-220FP
74
38
W
P
D
Derate above 25
°C
TO-220AB
TO-220FP
0.58
0.3
W/
°C
E
AS
Single Pulse Avalanche Energy (*2)
290
mJ
I
AR
Avalanche Current (*1)
5.5
A
E
AR
Repetitive Avalanche Energy (*1)
7.4
mJ
d
v/dt
Peak Diode Recovery (*3)
4
V/ns
T
j
Operating Temperature Range
-55 to 150
°C
T
stg
Storage Temperature Range
-55 to 150
°C
T
L
Maximum Lead Temperature for Soldering Purposes, 1/8” from
case for 10 seconds
300
°C
*1: Repetitive rating; pulse width limited by max. junction temperature
*2: VDD=50V, starting Tj=25°C, L=16mH, RG=25Ω, IAS=5.5A
*3: ISD≤5.5A, di/dt≤90A/us, VDD≤V(BR)DSS, TJ≤150°C
HIRF730 Series Pin Assignment
1
2
3
1
2
3
Tab
3-Lead Plastic TO-220FP
Package Code: F
Pin 1: Gate
Pin 2: Drain
Pin 3: Source
3-Lead Plastic TO-220AB
Package Code: E
Pin 1: Gate
Pin 2 & Tab: Drain
Pin 3: Source
G
D
S
HIRF730 Series Symbol


Similar Part No. - HIRF730

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HIRF740 HSMC-HIRF740 Datasheet
50Kb / 4P
N-Channel Power MOSFET (400V, 10A)
HIRF740F HSMC-HIRF740F Datasheet
50Kb / 4P
N-Channel Power MOSFET (400V, 10A)
More results

Similar Description - HIRF730

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com